Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRA340T3 Datasheet(PDF) 3 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # MBRA340T3
Description  Surface Mount Schottky Power Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

MBRA340T3 Datasheet(HTML) 3 Page - Shenzhen Taychipst Electronic Co., Ltd

  MBRA340T3 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd MBRA340T3 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd MBRA340T3 Datasheet HTML 3Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
RATINGS AND CHARACTERISTIC CURVES
MBRA340T3
3 of 3
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
Surface Mount Schottky Power Rectifier
40V
3.0A
MBRA340T3
Figure 7. Capacitance
Figure 8. Typical Operating Temperature
Derating
VR, REVERSE VOLTAGE (VOLTS)
30
25
20
15
10
5
0
100
1000
40
VR, DC REVERSE VOLTAGE (VOLTS)
30
25
20
15
10
5
0
115
105
95
85
75
65
55
125
35
TJ = 25 °C
40
35
RqJA = 22 °C/W
RqJA = 43 °C/W
RqJA = 96 °C/W
RqJA = 81 °C/W
RqJA = 63 °C/W
Figure 9. Thermal Response, Junction−to−Ambient (min pad)
t, TIME (S)
0.0001
0.001
0.1
0.00001
0.01
1
10
100
1000
0.1
1
10
100
D = 0.5
0.2
0.1
SINGLE PULSE
0.05
0.02
0.01
Figure 10. Thermal Response, Junction to Ambient (1 inch pad)
t, TIME (S)
0.0001
0.001
0.1
0.00001
0.01
1
10
100
1000
0.1
1
10
100
D = 0.5
0.2
0.1
SINGLE PULSE
0.05
0.02
0.01



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com