Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MURA205T3 Datasheet(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # MURA205T3
Description  Surface Mount Ultrafast Power Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

MURA205T3 Datasheet(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

  MURA205T3 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd MURA205T3 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd MURA205T3 Datasheet HTML 3Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RATINGS AND CHARACTERISTIC CURVES
MURA205T3,MURA210T3
2 of 3
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
50V-100V
2.0A
Surface Mount Ultrafast Power Rectifiers
MURA205T3, MURA210T3
10
0.1
80
60
40
0.001
20
100
VR, REVERSE VOLTAGE (VOLTS)
VF, INSTANTANEOUS VOLTAGE (VOLTS)
Figure 1. Typical Reverse Current
Figure 2. Maximum Reverse Current
Figure 3. Typical Forward Voltage
Figure 4. Maximum Forward Voltage
0.01
1
100
0
0.7
0.6
0.5
0.4
0.8
0.01
10
0.3
1
0.1
1
0.9
1.1
10
0.1
80
60
40
20
100
VR, REVERSE VOLTAGE (VOLTS)
VF, INSTANTANEOUS VOLTAGE (VOLTS)
1
100
0
0.7
0.6
0.5
0.4
0.8
0.01
10
0.3
1
0.1
1
0.9
1.1
TJ = 175°C
TJ = 100°C
TJ = 25°C
TJ = 175°C
TJ = 100°C
TJ = 25°C
TC = 175°C
100
°C
25
°C
TC = 175°C
100
°C
25
°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com