Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7SH34FU Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC7SH34FU
Description  Non-Inverter Buffer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SH34FU Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC7SH34FU_09 Datasheet HTML 1Page - Toshiba Semiconductor TC7SH34FU_09 Datasheet HTML 2Page - Toshiba Semiconductor TC7SH34FU_09 Datasheet HTML 3Page - Toshiba Semiconductor TC7SH34FU_09 Datasheet HTML 4Page - Toshiba Semiconductor TC7SH34FU_09 Datasheet HTML 5Page - Toshiba Semiconductor TC7SH34FU_09 Datasheet HTML 6Page - Toshiba Semiconductor TC7SH34FU_09 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TC7SH34F/FU
2009-09-09
2
IEC Logic Symbol
Truth Table
A
Y
L
L
H
H
Operating Ranges
Characteristics
Symbol
Rating
Unit
Supply voltage
VCC
2 to 5.5
V
Input voltage
VIN
0 to 5.5
V
Output voltage
VOUT
0 to VCC
V
Operating temperature
Topr
−40 to 85
°C
0 to 100 ( VCC = 3.3 V ± 0.3 V )
Input rise and fall time
dt/dv
0 to 20 ( VCC = 5.0 V ± 0.5 V )
ns/V
IN A
= 1
OUT Y



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com