Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL9910AS-13 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AL9910AS-13
Description  UNIVERSAL HIGH VOLTAGE HIGH BRIGHTNESS LED DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL9910AS-13 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AL9910AS-13 Datasheet HTML 8Page - Diodes Incorporated AL9910AS-13 Datasheet HTML 9Page - Diodes Incorporated AL9910AS-13 Datasheet HTML 10Page - Diodes Incorporated AL9910AS-13 Datasheet HTML 11Page - Diodes Incorporated AL9910AS-13 Datasheet HTML 12Page - Diodes Incorporated AL9910AS-13 Datasheet HTML 13Page - Diodes Incorporated AL9910AS-13 Datasheet HTML 14Page - Diodes Incorporated AL9910AS-13 Datasheet HTML 15Page - Diodes Incorporated AL9910AS-13 Datasheet HTML 16Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AL9910/AL99
Document number
Ordering I
Device
AL9910-5S-13
AL9910-5SP-1
AL9910AS-13
AL9910ASP-1
AL9910S-13
AL9910SP-13
Notes:
10. Pad
http
Marking In
(1) SO-8
(2) SO-8EP
910A/AL9910
r: DS35103 Rev. 7
nformation
VCS Toler
3
±5%
13
±5%
±10%
3
±10%
±10%
±10%
d layout as shown
p://www.diodes.com
nformation
Varia
Blank : 7
A : 1
U
0-5
7 - 2
n
rance
Pac
C
%
%
S
%
%
S
%
%
S
on Diodes Inc. sug
m/datasheets/ap02
n
AL
ant
V
.5V V
DD
10V V
DD
NIVERSAL
ww
ckage
ode
S
SP
S
SP
S
SP
ggested pad layout
2001.pdf .
L9910 X
V
Toleranc
CS
Blank : 10%
-5 : 5%
AL99
HIGH VOL
13 of 16
ww.diodes.com
Packaging
(Note 10)
SO-8
SO-8EP
SO-8
SO-8EP
SO-8
SO-8EP
document AP0200
XX XX -
ce
Pa
%
S
SP :
910/AL
LTAGE HIG
Qua
2500/Tap
2500/Tap
2500/Tap
2500/Tap
2500/Tap
2500/Tap
01, which can be fo
13
ackage
: SO-8
SO-8EP
L9910A
H BRIGHTN
13” Tape
antity
pe & Reel
pe & Reel
pe & Reel
pe & Reel
pe & Reel
pe & Reel
ound on our website
Packing
13 : 13” Tap
A/AL99
NESS LED
Febru
© Diodes
and Reel
Part Number
-13
-13
-13
-13
-13
-13
e at
pe & Reel
910-5
DRIVER
uary 2012
Incorporated
r Suffix



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com