Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

22R103C Datasheet(PDF) 1 Page - Murata Power Solutions Inc.

Part # 22R103C
Description  Radial Lead Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

22R103C Datasheet(HTML) 1 Page - Murata Power Solutions Inc.

  22R103C Datasheet HTML 1Page - Murata Power Solutions Inc. 22R103C Datasheet HTML 2Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KMP_2200RC_C02 Page 1 of 2
2200R Series
Radial Lead Inductors
www.murata-ps.com
www.murata-ps.com/support
For full details go to
www.murata-ps.com/rohs
FEATURES
FEATURES
RoHS compliant
Radial format
Up to 1.62A IDC
10μH to 68mH
Low DC resistance
Miniature size
PCB mounting
MIL-I-23053/5 class I sleeving
Fully tinned leads
Supplied in bags of 100
Compatible with RoHS soldering systems
Backward compatible with
Sn/Pb soldering systems
Custom parts available
DESCRIPTION
The 2200R Series is a general purpose range
of inductors suitable for low to medium current
applications. Their small footprint makes them
ideal for high density applications where a chip
inductor will not cope with the power requirement.
SELECTION GUIDE
Order Code
Inductance,
(1kHz, 0.1VAC)
DC Current1
DC Resistance
Q at f kHz
SRF
±10%
Max.
Max.
Nom.
Nom.
μH
A
Ω
Q
f
MHz
22R103C
10.0
1.62
0.05
65
1000
21.2
22R153C
15.0
1.35
0.07
60
500
19.4
22R223C
22.0
1.08
0.09
50
500
17.0
22R333C
33.0
0.90
0.14
50
500
11.4
22R473C
47.0
0.77
0.22
50
500
10.9
22R683C
68.0
0.77
0.28
90
100
8.7
22R104C
100.0
0.67
0.39
90
100
7.0
22R154C
150.0
0.52
0.54
90
100
5.7
22R224C
220.0
0.43
0.83
100
100
4.4
22R334C
330.0
0.38
1.21
100
100
3.7
22R474C
470.0
0.31
1.65
110
100
3.2
22R684C
680.0
0.25
2.64
120
100
2.5
22R105C
1.0mH
0.17
3.63
120
100
2.1
22R155C
1.5mH
0.13
6.49
130
100
1.9
22R225C
2.2mH
0.11
8.58
90
50
1.7
22R335C
3.3mH
0.10
11.0
140
150
1.2
22R475C
4.7mH
0.081
15.0
150
150
0.95
22R685C
6.8mH
0.072
22.0
145
150
0.85
22R106C
10.0mH
0.063
37.4
155
150
0.62
22R156C
15.0mH
0.054
51.7
140
150
0.51
22R226C
22.0mH
0.045
82.5
100
50
0.34
22R336C
33.0mH
0.036
118.8
95
50
0.28
22R476C
47.0mH
0.027
169.4
90
50
0.25
22R686C
68.0mH
0.018
242.0
70
50
0.20
TYPICAL CORE/WIRE CHARACTERISTICS
Inductance Temperature
Coefficient
Resistance Temperature
Coefficient
Curie Temperature
(T
C
)
Saturation Flux
(B
SAT
)
350ppm
3900ppm
190°C
325mT
ABSOLUTE MAXIMUM RATINGS
Operating free air temperature range
-25°C to 70°C
Storage temperature range
-40°C to 125°C
SOLDERING INFORMATION2
Peak wave solder temperature
300˚C for 10 seconds
Pin finish
Hot dipped tin
All specifications typical at T
A
=25°C
1 Maximum DC current occurs when either the inductance falls to 90% of its nominal value or when its temperature rise reaches 30°C,
whichever is sooner.
2 For further information, please visit www.murata-ps.com/rohs


Similar Part No. - 22R103C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
22R103C MURATA-22R103C Datasheet
92Kb / 2P
Radial Lead Inductors
More results

Similar Description - 22R103C

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
PT21701 DATATRONICS-PT21701 Datasheet
57Kb / 2P
RADIAL LEAD INDUCTORS
logo
RCD COMPONENTS INC.
R0908-100-MBW RCD-R0908-100-MBW Datasheet
58Kb / 1P
RADIAL LEAD INDUCTORS
logo
Murata Manufacturing Co...
KMP_1100R MURATA-KMP_1100R Datasheet
101Kb / 3P
Radial Lead Inductors
KMP_1300R MURATA-KMP_1300R Datasheet
116Kb / 4P
Radial Lead Inductors
KMP_1700 MURATA-KMP_1700 Datasheet
90Kb / 2P
Radial Lead Inductors
KMP_1800R MURATA-KMP_1800R Datasheet
112Kb / 2P
Radial Lead Inductors
KMP_2200R MURATA-KMP_2200R Datasheet
92Kb / 2P
Radial Lead Inductors
logo
API Delevan
4554R API-4554R Datasheet
1Mb / 1P
Radial Lead Inductors
logo
Murata Power Solutions ...
1900R MURATA-PS-1900R Datasheet
114Kb / 3P
Radial Lead Inductors
logo
TT Electronics.
HM17 TTELEC-HM17 Datasheet
457Kb / 3P
Radial Lead Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com