Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13R103C Datasheet(PDF) 3 Page - Murata Power Solutions Inc.

Part # 13R103C
Description  Radial Lead Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

13R103C Datasheet(HTML) 3 Page - Murata Power Solutions Inc.

  13R103C Datasheet HTML 1Page - Murata Power Solutions Inc. 13R103C Datasheet HTML 2Page - Murata Power Solutions Inc. 13R103C Datasheet HTML 3Page - Murata Power Solutions Inc. 13R103C Datasheet HTML 4Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
KMP_1300RC_A02 Page 3 of 4
1300R Series
Radial Lead Inductors
www.murata-ps.com/support
TEMPERATURE Vs CURRENT
0
10
20
30
40
50
60
02
468
10
12
Current, IDC (A)
1.5μH
150μH
15μH
0
10
20
30
40
50
60
0
0.1
0.2
0.3
0.4
0.5
Current, IDC (A)
68mH
15mH
1.5mH



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com