Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

46103C Datasheet(PDF) 1 Page - Murata Power Solutions Inc.

Part # 46103C
Description  Shielded Surface Mount Power Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

46103C Datasheet(HTML) 1 Page - Murata Power Solutions Inc.

  46103C Datasheet HTML 1Page - Murata Power Solutions Inc. 46103C Datasheet HTML 2Page - Murata Power Solutions Inc. 46103C Datasheet HTML 3Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KMP_4600C_B03 Page 1 of 3
4600 Series
Shielded Surface Mount Power Inductors
www.murata-ps.com
www.murata-ps.com/support
For full details go to
www.murata-ps.com/rohs
FEATURES
RoHS compliant
0.28μH to 1.0mH
Up to 8.7A IDC
Bobbin format
Surface mount
Integral EMI shield
Compact size
Tape and reel packaging
UL 94V-0 materials
J-STD-020-C reflow
DESCRIPTION
The 4600 series is a range of bobbin-wound,
shielded inductors suitable for power-line filtering
found in consumer electronics such as desktop
computers, LED applications and GPS systems,
as well as in a vast range of industrial and
telecom applications including network hubs,
bridges & routers, and high frequency wireless
communication devices.
These surface mount inductors are extremely
compact and have an integral shield, making them
useful in EMI sensitive applications.
PIN CONNECTIONS (TOP VIEW)
SELECTION GUIDE
Order Code
Inductance
(10kHz, 0.1VAC)
±20%
DC Current1
DC Resistance
Nom.
Max.
Max.
μH
A
mΩ
46281C
0.28 (±30%)
8.7
8
46541C
0.54 (±30%)
7.7
10
46102C
1.0 (±30%)
6.8
13
46152C
1.5 (±30%)
6.3
15
46222C
2.2 (±30%)
5.0
21
46332C
3.3 (±30%)
4.3
29
46472C
4.7 (±30%)
3.7
37
46682C
6.8 (±30%)
3.1
52
46103C
10
2.4
66
46153C
15
2.2
94
46223C
22
1.8
120
46333C
33
1.45
190
46473C
47
1.25
260
46683C
68
1.05
360
46104C
100
0.86
500
46154C
150
0.72
720
46224C
220
0.57
1050
46334C
330
0.46
1850
46474C
470
0.39
2800
46684C
680
0.32
3900
46105C
1000
0.27
4900
MECHANICAL DIMENSIONS
ABSOLUTE MAXIMUM RATINGS
Operating temperature range
-40ºC to 125ºC
Storage temperature range
-40ºC to 150ºC
SOLDERING INFORMATION2
Peak reflow solder temperature
250˚C
Pin finish
Tin
Specifications typical at T
A
= 25°C
1 Maximum DC current occurs when either the inductance falls to 75% of its
nominal value or when its temperature rise reaches 40°C, whichever is sooner.
2 For further information, please visit www.murata-ps.com/rohs
FEATURES
* Distance between the outside ends of the terminations is 7.1±0.1 (0.28±0.004)
Unless otherwise stated, all dimensions in mm (inches) ± 0.25 (0.010).
Package weight: 0.8g Typ.
4.55 (0.18) Max.
7.3±0.2
(0.287±0.008)
1.1±0.25 (0.043±0.01)
2.0±0.15
(0.079±0.006)
2.5 (0.098)
3.25 (0.128)
8.5 (0.335)
Recommended Footprint Details*
281C


Similar Part No. - 46103C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
46103C MURATA-46103C Datasheet
128Kb / 3P
Shielded Surface Mount Power Inductors
logo
Murata Power Solutions ...
46103C MURATA-PS-46103C Datasheet
148Kb / 3P
Shielded Surface Mount Power Inductors
More results

Similar Description - 46103C

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-0403S ABRACON-ASPI-0403S Datasheet
225Kb / 1P
SURFACE MOUNT SHIELDED POWER INDUCTORS
06.27.07
logo
Murata Manufacturing Co...
KMP_4600 MURATA-KMP_4600 Datasheet
128Kb / 3P
Shielded Surface Mount Power Inductors
KMP_4800S MURATA-KMP_4800S Datasheet
140Kb / 3P
Shielded Surface Mount Power Inductors
KMP_4900S MURATA-KMP_4900S Datasheet
145Kb / 3P
Shielded Surface Mount Power Inductors
logo
API Delevan
SP1812 API-SP1812 Datasheet
182Kb / 1P
Shielded Surface Mount Power Inductors
SP1008R API-SP1008R Datasheet
1Mb / 1P
Shielded Surface Mount Power Inductors
SP1210R API-SP1210R Datasheet
941Kb / 1P
Shielded Surface Mount Power Inductors
logo
Bi technologies
HM66A BITECH-HM66A Datasheet
971Kb / 5P
Shielded Surface Mount Power Inductors
logo
Murata Power Solutions ...
4500 MURATA-PS-4500 Datasheet
165Kb / 3P
Shielded Surface Mount Power Inductors
logo
TT Electronics.
HM71S TTELEC-HM71S Datasheet
636Kb / 2P
Shielded Surface Mount Power Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com