Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0218.080MRET1P Datasheet(PDF) 1 Page - Littelfuse

Part # 0218.080MRET1P
Description  218 Series, 5 x 20 mm, Time-Lag (Slo-Blo짰) Fuse
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0218.080MRET1P Datasheet(HTML) 1 Page - Littelfuse

  0218.080MRET1P Datasheet HTML 1Page - Littelfuse 0218.080MRET1P Datasheet HTML 2Page - Littelfuse 0218.080MRET1P Datasheet HTML 3Page - Littelfuse 0218.080MRET1P Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2012 Littelfuse, Inc.
Specifications are subject to change without notice.
Axial Lead & Cartridge Fuses
218 Series
5×20 mm > Time-Lag > 218 Series
Please refer to www.littelfuse.com/series/218.html for current information.
Agency Approvals
Agency
Agency File Number
Ampere Range
PS
E
Cartridge Certificates:
NBK120802-E10480 A&C
Leaded Certificates:
NBK120802-E10480 B&D
1A – 5A
6.3A – 15A
Certificates:
2005010207145715
32mA – 6.3A
Certificates:
SU05001-3005
SU05001-2008
SU05001-2009
32mA – 40mA
50mA – 800mA
1A – 10A
Recognised File:
E10480
Guide:
JDYX2
32mA – 16A
File:
029862
Acc. Class:
LR1422-30
32mA – 15A
File:
9850004, 9843043,
811742, 304650, 416270
32mA – 6.3A
License:
40013496
32mA – 10A
License:
40016604
15A*
License:
KM41462
80mA
– 6.3A
32mA – 16A
Features
International (IEC )
Standards for use
globally
specification for Time-
Lag fuses
and axial lead form
lead-free
Applications
Electrical Characteristics
5x20mm Time-Lag glass body cartridge fuse designed to
IEC specification.
Used as supplementary protection in appliance or
components or internal circuits.
218 Series, 5 x 20 mm,Time-Lag (Slo-Blo®) Fuse
PS
E
% of Ampere
Rating
Ampere Rating
Opening Time
150%
32mA–100mA
60 minutes, Minimum
125mA-6.3A
60 minutes, Minimum
8A-15A
30 minutes, Minimum
210%
32mA-100mA
120 sec., Maximum
125mA-6.3A
120 sec., Maximum
8A-15A
120 sec., Maximum
275%
32mA-100mA
200 ms., Min.; 10 sec. Max.
125mA-6.3A
600 ms., Min.; 10 sec. Max.
8A-15A
600 ms., Min.; 10 sec. Max.
400%
32mA-100mA
40 ms., Min.; 3 sec. Max.
125mA-6.3A
150 ms., Min.; 3 sec. Max.
8A-15A
150 ms., Min.; 3 sec. Max.
1000%
32mA-100mA
10 ms., Min.; 300 ms. Max.
125mA-6.3A
20 ms., Min.; 300 ms. Max.
8A-15A
20 ms., Min.; 300 ms. Max.
Description
Revised: April 23, 2012


Similar Part No. - 0218.080MRET1P

ManufacturerPart #DatasheetDescription
logo
Presto International UK...
02181 PRESTO-02181 Datasheet
3Mb / 24P
ENGINEERS CUTTING TOOLS
logo
Weidmuller
0218660000 WEIDMULLER-0218660000 Datasheet
75Kb / 4P
Feed-through terminal, 6 mm짼, Screw connection, PA 66, TS 35 TS 32
0218660000 WEIDMULLER-0218660000 Datasheet
1Mb / 52P
SAK-series
0218680000 WEIDMULLER-0218680000 Datasheet
75Kb / 4P
Feed-through terminal, 6 mm짼, Screw connection, PA 66, TS 35 TS 32
logo
Presto International UK...
02188 PRESTO-02188 Datasheet
3Mb / 24P
ENGINEERS CUTTING TOOLS
More results

Similar Description - 0218.080MRET1P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0213200P LITTELFUSE-0213200P Datasheet
284Kb / 2P
5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
215200 LITTELFUSE-215200 Datasheet
163Kb / 2P
5 x 20 mm Time Lag Fuse (Slo-Blo Fuse)
215125P LITTELFUSE-215125P Datasheet
250Kb / 2P
5 x 20 mm Time Lag Fuse (Slo-Blo Fuse)
218032 LITTELFUSE-218032 Datasheet
216Kb / 2P
5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
218032P LITTELFUSE-218032P Datasheet
293Kb / 2P
5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
239 LITTELFUSE-239_1 Datasheet
177Kb / 2P
5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
239P LITTELFUSE-239P Datasheet
235Kb / 2P
5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
0201YA1R2CAQ2A LITTELFUSE-0201YA1R2CAQ2A Datasheet
329Kb / 3P
213 Series, 5 x 20 mm, Time-Lag (Slo-Blo짰) Fuse
0215.125MRET1P LITTELFUSE-0215.125MRET1P Datasheet
359Kb / 5P
215 Series, 5 x 20 mm, Time-Lag (Slo-Blo짰) Fuse
021502.5MXESPP LITTELFUSE-021502.5MXESPP Datasheet
362Kb / 3P
215SP Series, 5x20 mm, Time-Lag Fuse (Slo-Blo짰)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com