Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGP10MA Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # RGP10MA
Description  SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

RGP10MA Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  RGP10MA Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd RGP10MA Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
50V-1000V
1.0A
RGP10A THRU RGP10MA
Web Site: www.taychipst.com
1 of 2
FEATURES
E-mail: sales@taychipst.com
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
MECHANICAL DATA
* GPRC (Glass Passivated Rectifier Chip) inside
* Glass passivated cavity-free junction
* Capable of meeting environmental standards of MIL-S-19500
* For use in high frequence rectifier circuits
* Fast switching for high efficiency
* 1.0 Ampere operation at TA=55
o
C with no thermal runaway
* Typical IR less than 0.1uA
* High temperature soldering guaranteed: 260
o
C/10 seconds,
0.375" (9.5mm) lead length, 5lbs. (2.3 kg) tension
* Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
* GPRC (Glass Passivated Rectifier Chip) inside
* Glass passivated cavity-free junction
* Capable of meeting environmental standards of MIL-S-19500
* For use in high frequence rectifier circuits
* Fast switching for high efficiency
* 1.0 Ampere operation at TA=55
o
C with no thermal runaway
* Typical IR less than 0.1uA
* High temperature soldering guaranteed: 260
o
C/10 seconds,
0.375" (9.5mm) lead length, 5lbs. (2.3 kg) tension
* Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
Case : JEDEC DO-204AL molded plastic over glass body
Terminals : Plated axial leads , solderable per MIL-STD-750,
Method 2026
Polarity : Color band denotes cathode end
Mounting Position : Any
Weight : 0.012 ounes , 0.3 gram
Ratings at 25
o
C ambient temperature
unless otherwise specified.
Maximum repetitive peak reverse voltage
Maximum average forward rectified current
0.375" (9.5mm) lead length (SEE FIG.1)
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)
Maximum instantaneous forward voltage at 1.0 A
Maximum DC reverse current
at rated DC blocking voltage
TA=25
o
C
TA=125
o
C
TA=150
o
C
Maximum reverse recovery time (NOTE 1)
Typical junction capacitance (NOTE 2)
Typical thermal resistance (NOTE 3)
Operating junction and storage temperature range
SYMBOLS
VRRM
I (AV)
IFSM
VF
IR
trr
CJ
R JA
TJ,TSTG
RGP10
A
B
D
G
J
JA
K
KA
M
MA
50
100
200
400
600
600
800
800
1000
1000
1.0
30
1.3
5
30
50
150
250
150
500
300
500
300
15
55
-65 to +175
UNITS
Volts
Maximum RMS voltage
VRMS
35
70
140
280
420
420
560
560
700
700
Volts
Maximum DC blocking voltage
VDC
50
100
200
400
600
600
800
800
1000
1000
Volts
Volts
Amps
Amps
uA
nS
pF
o
C / W
o
C
NOTES : (1) Reverse recovery test condition : IF 0.5A, IR=1.0A, Irr=0.25A
(2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts
(3) Thermal resistance from junction to ambient at 0.375" (9.5mm) lead lengths, P.C.B. mounted.
SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER


Similar Part No. - RGP10MA

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
RGP10MA ZOWIE-RGP10MA Datasheet
61Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
logo
TAITRON Components Inco...
RGP10MA TAITRON-RGP10MA Datasheet
132Kb / 4P
1.0A Sintered Glass Passivated Fast Recovery Rectifier
logo
Leshan Radio Company
RGP10MA LRC-RGP10MA Datasheet
176Kb / 7P
Glass Passivated Junction Fast Switching Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
logo
Zowie Technology Corpor...
RGP10MAH ZOWIE-RGP10MAH Datasheet
60Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
logo
Leshan Radio Company
RGP10MA LRC-RGP10MA_15 Datasheet
176Kb / 7P
Glass Passivated Junction Fast Switching Rectifiers
More results

Similar Description - RGP10MA

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
RGP10A ZOWIE-RGP10A Datasheet
61Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
RGP20A ZOWIE-RGP20A Datasheet
60Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
RGP30A ZOWIE-RGP30A Datasheet
59Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
logo
Shenzhen Taychipst Elec...
RGP15A TAYCHIPST-RGP15A Datasheet
4Mb / 2P
SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
RGP20A TAYCHIPST-RGP20A Datasheet
4Mb / 2P
SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
logo
Zowie Technology Corpor...
RG110B ZOWIE-RG110B Datasheet
47Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
RGP02-12H ZOWIE-RGP02-12H Datasheet
64Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
RGP10AH ZOWIE-RGP10AH Datasheet
60Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
RGP30AH ZOWIE-RGP30AH Datasheet
58Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
WRGP10AH ZOWIE-WRGP10AH Datasheet
63Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com