Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC2 Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # RC2
Description  Fast-Recovery Rectifier Diodes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

RC2 Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  RC2 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
200V-2000V
0.2A-0.6A
RC1/EH 1/RH 1 Series
Fast-Recovery Rectifier Diodes
1 of 1
Web Site: www.taychipst.com
E-mail: sales@taychipst.com
0
25
50
75
100
125
150
0
0.1
0.2
0
1
5
50
10
20ms
10
20
0
1
5
50
10
20ms
10
30
20
0
1
5
50
10
20ms
10
35
25
30
20
15
5
0.8
1.2
1.4
1.6
1.8
5
50
500
10
100
0.6
1.0
0.2
0.5
1.0
1.5
T
100ºC
a =
60ºC
25ºC
0.6
0.8
0.9
1.0
1.1
0.1
0.5
0.7
0.5
1.0
5.0
0.05
5
15
0
25
50
75
100
125
150
0
0.2
0.4
0.6
0.8
1.0
0
25
50
75
100
125
150
0
0.2
0.4
0.6
0.8
1.0
0.25
0.15
0.05
1
10
0.1
0.01
0.001
A
A
Parameter
Type No.
Absolute Maximum Ratings
VRM
(V)
IF (AV)
(A)
IFSM
(A)
VF
(V)
IF
(A)
IF
/IRP
(mA)
IF
/IRP
(mA)
VR =VRM
max
VR =VRM
Ta =150
°C max
IR
(
µA)
IR (H)
(
µA)
t rr
Œ
(
µs)
t rr

(
µs)
Tj
(
°C)
Tstg
(
°C)
max
Electrical Characteristics (Ta =25
°C)
(
°C/ W)
(g)
Mass
Others
RC 2
2000
EH 1Z
200
EH 1
400
EH 1A
600
RH 1Z
200
RH 1
400
RH 1A
600
RH 1B
800
RH 1C
1000
0.2
20
2.0
0.2
10
300
4.0
10/10
10/20
–40 to +150
1.3
15
0.4
B
0.6
30
1.35
0.6
10
200
4.0
10/10
10/20
1.3
20
0.3
0.6
35
1.3
0.6
5
70
4.0
10/10
10/20
1.3
15
0.4
Fig.
50Hz
Half-cycle Sinewave
Single Shot
Forward Voltage
VF (V)
VF—IF Characteristics (Typical)
Ambient Temperature
Ta (
°C)
Overcurrent Cycles
I FMS
Rating
Ta — IF(AV) Derating
Forward Voltage
VF (V)
VF—IF Characteristics (Typical)
Ambient Temperature
Ta (
°C)
Overcurrent Cycles
I FMS
Rating
Ta — IF(AV) Derating
Forward Voltage
VF (V)
VF—IF Characteristics (Typical)
Ambient Temperature
Ta (
°C)
Overcurrent Cycles
I FMS
Rating
Ta — IF(AV) Derating
External Dimensions
(Unit: mm)
Flammability:
UL94V-0 or Equivalent
A
Fig.
B
Fig.
Rth ( j - )
RC 2 series
EH 1 series
RH 1 series


Similar Part No. - RC2

ManufacturerPart #DatasheetDescription
logo
Sanken electric
RC2 SANKEN-RC2 Datasheet
19Kb / 1P
Fast-Recovery Rectifier Diodes
logo
Galaxy Semi-Conductor H...
RC2 BILIN-RC2 Datasheet
56Kb / 2P
FAST RECOVERY RECTIFIER
logo
Sanken electric
RC2 SANKEN-RC2 Datasheet
236Kb / 4P
Silicon Rectifier Diode
logo
Diode Semiconductor Kor...
RC2 DSK-RC2 Datasheet
278Kb / 2P
FAST RECOVERY RECTIFIER
logo
SUNMATE electronic Co.,...
RC2 SUNMATE-RC2 Datasheet
304Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
More results

Similar Description - RC2

ManufacturerPart #DatasheetDescription
logo
Sanken electric
AS01Z SANKEN-AS01Z Datasheet
26Kb / 1P
Fast-Recovery Rectifier Diodes
FMU-G16S SANKEN-FMU-G16S Datasheet
21Kb / 1P
Fast-Recovery Rectifier Diodes
RC2 SANKEN-RC2 Datasheet
19Kb / 1P
Fast-Recovery Rectifier Diodes
RS1A SANKEN-RS1A Datasheet
22Kb / 1P
Fast-Recovery Rectifier Diodes
RU3M SANKEN-RU3M Datasheet
23Kb / 1P
Fast-Recovery Rectifier Diodes
logo
EIC discrete Semiconduc...
FR201 EIC-FR201 Datasheet
47Kb / 2P
FAST RECOVERY RECTIFIER DIODES
FR301 EIC-FR301 Datasheet
47Kb / 2P
FAST RECOVERY RECTIFIER DIODES
MR850 EIC-MR850 Datasheet
47Kb / 2P
FAST RECOVERY RECTIFIER DIODES
RU2 EIC-RU2 Datasheet
39Kb / 2P
FAST RECOVERY RECTIFIER DIODES
RU3 EIC-RU3 Datasheet
39Kb / 2P
FAST RECOVERY RECTIFIER DIODES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com