Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGP30MA Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # RGP30MA
Description  SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

RGP30MA Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  RGP30MA Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd RGP30MA Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
50V-1000V
3.0A
RGP30A THRU RGP30MA
Web Site: www.taychipst.com
1 of 2
FEATURES
E-mail: sales@taychipst.com
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
MECHANICAL DATA
* GPRC (Glass Passivated Rectifier Chip) inside
* Glass passivated cavity-free junction
* Capable of meeting environmental standards of MIL-S-19500
* For use in high frequence rectifier circuits
* Fast switching for high efficiency
* 1.0 Ampere operation at TA=55
o
C with no thermal runaway
* Typical IR less than 0.1uA
* High temperature soldering guaranteed: 260
o
C/10 seconds,
0.375" (9.5mm) lead length, 5lbs. (2.3 kg) tension
* Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
* GPRC (Glass Passivated Rectifier Chip) inside
* Glass passivated cavity-free junction
* Capable of meeting environmental standards of MIL-S-19500
* For use in high frequence rectifier circuits
* Fast switching for high efficiency
* 3.0 Amperes operation at TA=55
o
C with no thermal runaway
* Typical IR less than 0.1uA
* High temperature soldering guaranteed: 260
o
C/10 seconds,
0.375" (9.5mm) lead length, 5lbs. (2.3 kg) tension
* Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
Case : JEDEC DO-201AD molded plastic over glass body
Terminals : Plated axial leads , solderable per MIL-STD-750,
Method 2026
Polarity : Color band denotes cathode end
Mounting Position : Any
Weight : 0.04 ounes , 1.12 grams
Ratings at 25
o
C ambient temperature
unless otherwise specified.
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum average forward rectified current
0.375" (9.5mm) lead length (SEE FIG.1)
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)
Maximum instantaneous forward voltage at 3.0 A
Maximum DC reverse current
at rated DC blocking voltage
TA=25
o
C
TA=125
o
C
TA=150
o
C
Maximum reverse recovery time (NOTE 1)
Typical junction capacitance (NOTE 2)
Typical thermal resistance (NOTE 3)
Operating junction and storage temperature range
SYMBOLS
VRRM
VRMS
VDC
I (AV)
IFSM
VF
IR
trr
CJ
R JA
TJ,TSTG
RGP30
A
B
D
G
J
K
MA
50
100
200
400
600
800
1000
35
70
140
280
420
560
700
3.0
125
1.3
5
50
120
150
250
150
500
300
500
300
60
20
-65 to +175
UNITS
Volts
Volts
Maximum DC blocking voltage
50
100
200
400
600
JA
600
420
600
800
KA
800
560
800
1000
M
1000
700
1000
Volts
Volts
Amps
Amps
uA
nS
pF
o
C / W
o
C
NOTES : (1) Reverse recovery test condition : IF 0.5A, IR=1.0A, Irr=0.25A
(2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts
(3) Thermal resistance from junction to ambient at 0.375" (9.5mm) lead lengths, P.C.B. mounted.


Similar Part No. - RGP30MA

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
RGP30MA ZOWIE-RGP30MA Datasheet
59Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
logo
Leshan Radio Company
RGP30MA LRC-RGP30MA Datasheet
448Kb / 7P
Glass Passivated Junction Fast Switching Rectifiers Reverse Voltage 50 to 1000V Forward Current 3.0A
logo
Zowie Technology Corpor...
RGP30MAH ZOWIE-RGP30MAH Datasheet
58Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
More results

Similar Description - RGP30MA

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
RGP10A ZOWIE-RGP10A Datasheet
61Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
RGP20A ZOWIE-RGP20A Datasheet
60Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
RGP30A ZOWIE-RGP30A Datasheet
59Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
logo
Shenzhen Taychipst Elec...
RGP10A TAYCHIPST-RGP10A Datasheet
4Mb / 2P
SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
RGP15A TAYCHIPST-RGP15A Datasheet
4Mb / 2P
SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
logo
Zowie Technology Corpor...
RG110B ZOWIE-RG110B Datasheet
47Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
RGP02-12H ZOWIE-RGP02-12H Datasheet
64Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
RGP10AH ZOWIE-RGP10AH Datasheet
60Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
RGP30AH ZOWIE-RGP30AH Datasheet
58Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
WRGP10AH ZOWIE-WRGP10AH Datasheet
63Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com