Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL2Z Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # RL2Z
Description  Ultra-Fast-Recovery Rectifier Diodes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

RL2Z Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  RL2Z Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RL 27 / RL 2 / RL 2A
200V-600V
1.2A-2.0A
1 of 1
Web Site: www.taychipst.com
E-mail: sales@taychipst.com
0
25
50
75
100
125
150
0
0.4
0.8
1.2
1.6
2.0
0
1
5
30
50
10
25
20ms
20
15
10
5
1
5
50
10
20ms
RL 2Z
RL 2
RL 2A
40
L =10 mm
L =10 mm
P.C.B
180•100 •1.6 t
10 mm
0
25
50
75
100
125
150
0
0.4
0.8
1.2
1.6
2.0
L =10 mm
L =10 mm
P.C.B
180•100•1.6 t
10 mm
0
25
50
75
100
125
150
0
0.4
0.8
1.2
1.6
2.0
L =10 mm
L =10 mm
P.C.B
180•100•1.6 t
10 mm
0.4
0.6
0.8
1.0
0.2
1.2
1.4
Ta
150ºC
=
60ºC
100ºC
25ºC
Ta
150ºC
=
25ºC
100ºC
Ta
150ºC
=
25ºC
100ºC
1
10
20
0.1
0.01
0.001
0.5
1.0
1.5
2.0
0
2.5
3.0
1
10
20
0.1
0.01
0.001
0.5
1.0
1.5
2.5
2.0
0
3.0
3.5
1
10
20
0.1
0.01
0.001
30
20
10
0
0
1
5
30
50
10
25
20ms
20
15
10
5
Parameter
Type No.
Absolute Maximum Ratings
VRM
(V)
IF (AV)
(A)
IFSM
(A)
VF
(V)
IF
(A)
IF
/IRP
(mA)
IF
/IRP
(mA)
VR =VRM
max
VR =VRM
Ta =100
°C max
IR
(
µA)
IR (H)
(
µA)
Tj
(
°C)
Tstg
(
°C)
max
Electrical Characteristics (Ta =25
°C)
(
°C/ W)
(g)
Mass
Others
RL 2Z
200
350
2.0
1.2
2.0
1.2
600
40
30
30
1.3
0.98
1.55
100
100
500
10
50
50
100/100
100/200
–40 to +150
35
12
0.6
RL 2
RL 2A
A
(Tj =150
°C)
100
(Tj =150
°C)
Fig.
50Hz
Half-cycle Sinewave
Single Shot
Forward Voltage
VF (V)
VF —IF Characteristics (Typical)
Ambient Temperature
Ta (
°C)
Overcurrent Cycles
IFMS Rating
Ta —IF(AV) Derating
Forward Voltage
VF (V)
VF —IF Characteristics (Typical)
Ambient Temperature
Ta (
°C)
Overcurrent Cycles
IFMS Rating
Ta —IF(AV) Derating
Forward Voltage
VF (V)
VF —IF Characteristics (Typical)
Ambient Temperature
Ta (
°C)
Overcurrent Cycles
IFMS Rating
Ta —IF(AV) Derating
Solder
Copper Foil
Solder
Copper Foil
Solder
Copper Foil
External Dimensions
(Unit: mm)
Flammability:
UL94V-0 or Equivalent
A
Fig.
t rr
Œ
(ns)
t rr

(ns)
Rth ( j - )
Ultra-Fast-Recovery Rectifier Diodes


Similar Part No. - RL2Z

ManufacturerPart #DatasheetDescription
logo
Sanken electric
RL2Z SANKEN-RL2Z Datasheet
20Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
RL2Z SANKEN-RL2Z Datasheet
109Kb / 3P
Ultra-Fast-Recovery Rectifier Diode
More results

Similar Description - RL2Z

ManufacturerPart #DatasheetDescription
logo
Sanken electric
AL01Z SANKEN-AL01Z Datasheet
23Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
FMG-22S SANKEN-FMG-22S Datasheet
21Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
RG2Z SANKEN-RG2Z Datasheet
18Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
RP1H SANKEN-RP1H Datasheet
16Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
FML22S SANKEN-FML22S Datasheet
21Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
logo
Yangzhou yangjie electr...
MUR810F YANGJIE-MUR810F Datasheet
167Kb / 2P
Ultra-Fast Recovery Rectifier Diodes
logo
Shenzhen Taychipst Elec...
RN3Z TAYCHIPST-RN3Z Datasheet
838Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
RU1 TAYCHIPST-RU1 Datasheet
838Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
logo
Yangzhou yangjie electr...
MUR2010CT YANGJIE-MUR2010CT Datasheet
109Kb / 2P
Ultra-Fast Recovery Rectifier Diodes
MUR2060F YANGJIE-MUR2060F Datasheet
142Kb / 4P
Ultra-Fast Recovery Rectifier Diodes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com