Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM2 Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # RM2
Description  Rectifier Diodes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

RM2 Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  RM2 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RM 10/RM 2/RO 2
series
200V-600V
1.2A-2.0A
1 of 1
Web Site: www.taychipst.com
E-mail: sales@taychipst.com
Rectifier Diodes
0
25
50
75
100
125
150
0
0.3
0.6
0.9
1.2
1.5
RM10Z
RM10
RM10A
RM10B
0
25
50
75
100
125
150
0
0.3
0.6
0.9
1.2
1.5
0.4
0.6
0.8
1.0
1.2
0.2
Ta
150
°C
=
60
°C
100
°C
25
°C
0.05
0.1
0.5
1.0
5.0
0.5
0.6
0.7
0.8
0.9
1.0
1.1
0.05
0.1
0.5
1.0
5.0
0.5
0.6
0.7
0.8
0.9
1.0
1.1
0
1
5
50
10
20ms
50
RM10Z
RM10
RM10A
RM10B
1
5
50
10
20ms
1
5
50
10
20ms
100
150
0
20
100
0
20
4.0
±0.2
0.78
±0.05
4.0
±0.2
0.98
±0.05
80
60
40
40
60
80
0
25
50
75
100
125
150
0
0.3
0.6
0.9
1.2
1.5
RM 10 series
RM 2 series
RO 2 series
1
10
50
0.1
0.01
0.001
L =15mm
L =15mm
P.C.B
180 •100 •1.6 t
Solder
10mm
Copper Foil
Parameter
Type No.
Absolute Maximum Ratings
VRM
(V)
IF (AV)
(A)
IFSM
(A)
VF
(V)
IF
(A)
VR =VRM
max
IR
(
µA)
IR (H)
(
µA)
Tj
(
°C)
Tstg
(
°C)
max
Electrical Characteristics (Ta =25
°C)
(g)
Mass
Others
RM 10Z
200
RM 10
400
RM 10A
600
RM 10B
800
RM 2Z
200
RM 2
400
RM 2A
600
RM 2B
800
RM 2C
1000
RO 2Z
200
RO 2
400
RO 2A
600
RO 2B
800
RO 2C
1000
1.5
1.5
10
50
15
0.4
120
1.2
150
1.2
100
0.91
A
–40 to +150
1.5
10
50
12
0.6
0.91
B
–40 to +150
1.2
80
1.5
10
50
12
0.61
0.92
–40 to +150
Ta
130
°C
=
25
°C
100
°C
Ta
130
°C
=
25
°C
100
°C
Fig.
50Hz
Half-cycle Sinewave
Single Shot
Forward Voltage
VF (V)
VF —IF Characteristics (Typical)
Ambient Temperature
Ta (
°C)
Overcurrent Cycles
I FMS
Rating
Ta —IF(AV) Derating
Forward Voltage
VF (V)
VF —IF Characteristics (Typical)
Ambient Temperature
Ta (
°C)
Overcurrent Cycles
I FMS
Rating
Ta —IF(AV) Derating
Forward Voltage
VF (V)
VF —IF Characteristics (Typical)
Ambient Temperature
Ta (
°C)
Overcurrent Cycles
I FMS
Rating
Ta —IF(AV) Derating
External Dimensions
(Unit: mm)
Flammability:
UL94V-0 or Equivalent
A
Fig.
B
Fig.
Cathode Mark
Cathode Mark
VR =VRM
Ta =100
°C max
(
°C/ W)
Rth ( j - )


Similar Part No. - RM2

ManufacturerPart #DatasheetDescription
logo
Sanken electric
RM2 SANKEN-RM2 Datasheet
20Kb / 1P
Rectifier Diodes
logo
EIC discrete Semiconduc...
RM2 EIC-RM2 Datasheet
40Kb / 2P
SILICON RECTIFIER DIODES
logo
Galaxy Semi-Conductor H...
RM2 BILIN-RM2 Datasheet
47Kb / 2P
PLASTIC SILICON RECTIFIER
logo
EIC discrete Semiconduc...
RM2 EIC-RM2 Datasheet
54Kb / 2P
SILICON RECTIFIER DIODES
logo
Sanken electric
RM2 SANKEN-RM2 Datasheet
224Kb / 5P
Silicon Diode
More results

Similar Description - RM2

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA2J114 PANASONIC-MA2J114 Datasheet
40Kb / 2P
Rectifier Diodes
logo
Rohm
RR274EA-400 ROHM-RR274EA-400 Datasheet
193Kb / 4P
Rectifier diodes
logo
NXP Semiconductors
BYX96 PHILIPS-BYX96 Datasheet
252Kb / 6P
RECTIFIER DIODES
November 1975
logo
Rohm
RR274EA-400 ROHM-RR274EA-400_11 Datasheet
1,022Kb / 4P
Rectifier diodes
logo
Guangdong Kexin Industr...
1A1 KEXIN-1A1 Datasheet
866Kb / 2P
Rectifier Diodes
DB201GS KEXIN-DB201GS Datasheet
1,005Kb / 2P
Rectifier Diodes
SM520 KEXIN-SM520 Datasheet
709Kb / 2P
Rectifier Diodes
TS6B01G KEXIN-TS6B01G Datasheet
688Kb / 2P
Rectifier Diodes
US3A KEXIN-US3A Datasheet
607Kb / 2P
Rectifier Diodes
logo
Rohm
RR274EA-400 ROHM-RR274EA-400_15 Datasheet
353Kb / 7P
Rectifier diodes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com