Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74ACT157F Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC74ACT157F
Description  Quad 2-Channel Multiplexer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74ACT157F Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC74ACT157F_12 Datasheet HTML 1Page - Toshiba Semiconductor TC74ACT157F_12 Datasheet HTML 2Page - Toshiba Semiconductor TC74ACT157F_12 Datasheet HTML 3Page - Toshiba Semiconductor TC74ACT157F_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74ACT157F_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74ACT157F_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74ACT157F_12 Datasheet HTML 7Page - Toshiba Semiconductor TC74ACT157F_12 Datasheet HTML 8Page - Toshiba Semiconductor TC74ACT157F_12 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TC74ACT157P/F/FT
2012-02-29
2
Pin Assignment
IEC Logic Symbol
Truth Table
Inputs
Output
ST
SELECT
A
B
Y
H
X
X
X
L
L
L
L
X
L
L
L
H
X
H
L
H
X
L
L
L
H
X
H
H
X: Don’t care
(1)
(15)
(2)
(5)
(3)
1A
2A
1B
(6)
(10)
3A
2B
(4)
(9)
1Y
3Y
(7)
(12)
2Y
4Y
EN
SELECT
ST
3B
(14)
(13)
4A
4B
G1
(11)
1MUX
1
4A
VCC
16
4B
15
14
13
12
11
10
1
2
3
4
5
6
7
1Y
2A
2B
2Y
GND
4Y
8
3Y
9
3A
3B
(top view)
1A
1B
SELECT
ST
A S G
B
A
Y
B
A
Y
B
A
Y
B
Y



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com