Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74ACT161P Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC74ACT161P
Description  Synchronous Presettable 4-Bit Binary Counter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74ACT161P Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC74ACT161P_12 Datasheet HTML 1Page - Toshiba Semiconductor TC74ACT161P_12 Datasheet HTML 2Page - Toshiba Semiconductor TC74ACT161P_12 Datasheet HTML 3Page - Toshiba Semiconductor TC74ACT161P_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74ACT161P_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74ACT161P_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74ACT161P_12 Datasheet HTML 7Page - Toshiba Semiconductor TC74ACT161P_12 Datasheet HTML 8Page - Toshiba Semiconductor TC74ACT161P_12 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TC74ACT161,163P/F
2012-02-29
2
Pin Assignment
IEC Logic Symbol
TC74ACT161
TC74ACT163
Truth Table
Inputs
Outputs
CLR
(161)
CLR
(163)
LOAD
ENP
ENT
CK
(161)
CK
(163)
QA
QB
QC
QD
Function
L
L
X
X
X
X
L
L
L
L
Reset to “0”
H
H
L
X
X
A
B
C
D
Preset Data
H
H
H
X
L
No Change
No Count
H
H
H
L
X
No Change
No Count
H
H
H
H
H
Count Up
Count
H
X
X
X
X
No Change
No Count
X: Don’t care
A, B, C, D: Logic level of data inputs
Carry: Carry = ENT・QA・QB・QC・QD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com