Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RU2 Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # RU2
Description  Ultra-Fast-Recovery Rectifier Diodes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

RU2 Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  RU2 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
400V-1000V
0.2A-1.1A
RU 1/2
RU2M series
1 of 1
Web Site: www.taychipst.com
E-mail: sales@taychipst.com
Ultra-Fast-Recovery Rectifier Diodes
4.0
±0.2
0.78
±0.05
Cathode Mark
0
25
50
75
100
125
150
0
1.5
0
25
50
75
100
125
150
0
0.15
0.1
0.15
0.2
0.25
1.2
0.9
0.6
0.3
0.6
0.05
1.1
0.6
0.8
0.9
1.0
1.1
0.1
0.5
0.7
0.5
1.0
5.0
0.05
1.2
0.7
0.1
0.5
1.0
2.0
1.0
0.8
0.9
0
1
5
50
10
20ms
15
10
5
20
0.3
0.5
0.7
0.9
1.1
0.1
Ta
150ºC
=
60ºC
100ºC
25ºC
0
25
50
75
100
125
150
0
0.2
0.4
0.6
0.8
1.0
0
1
5
50
10
20ms
15
10
5
20
0
1
5
50
10
20ms
15
10
5
RU 1 series
RU 2 series
RU 2M series
1
10
0.1
0.01
0.001
A
Parameter
Type No.
Absolute Maximum Ratings
VRM
(V)
IF (AV)
(A)
IFSM
(A)
VF
(V)
IF
(A)
IF
/IRP
(mA)
IF
/IRP
(mA)
VR =VRM
max
VR =VRM
Ta =100
°C max
IR
(
µA)
IR (H)
(
µA)
Tj
(
°C)
Tstg
(
°C)
max
Electrical Characteristics (Ta =25
°C)
(
°C/ W)
(g)
Mass
Others
RU 1
400
RU 1A
600
RU 1B
800
RU 1C
1000
RU 2Z
200
RU 2
600
RU 2B
800
RU 2C
1000
RU 2M
400
RU 2AM
600
0.25
0.2
1.0
0.8
1.1
15
2.5
3.0
1.5
1.2
0.25
10
200
0.4
10/10
10/20
–40 to +150
0.18
15
0.4
20
1.0
10
300
0.4
10/10
10/20
0.18
15
0.4
20
1.1
10
300
0.4
10/10
10/20
0.18
15
0.4
33
Fig.
50Hz
Half-cycle Sinewave
Single Shot
Forward Voltage
VF (V)
VF —IF Characteristics (Typical)
Ambient Temperature Ta (
°C)
Overcurrent Cycles
I FMS
Rating
Ta — IF(AV) Derating
Forward Voltage
VF (V)
VF —IF Characteristics (Typical)
Ambient Temperature Ta (
°C)
Overcurrent Cycles
I FMS
Rating
Ta — IF(AV) Derating
Forward Voltage
VF (V)
VF —IF Characteristics (Typical)
Ambient Temperature Ta (
°C)
Overcurrent Cycles
I FMS
Rating
Ta — IF(AV) Derating
External Dimensions
(Unit: mm)
Flammability:
UL94V-0 or Equivalent
A
Fig.
t rr
Œ
(
µs)
t rr

(
µs)
Rth ( j - )


Similar Part No. - RU2

ManufacturerPart #DatasheetDescription
logo
Sanken electric
RU2 SANKEN-RU2 Datasheet
18Kb / 1P
Fast-Recovery Rectifier Diodes
logo
EIC discrete Semiconduc...
RU2 EIC-RU2 Datasheet
39Kb / 2P
FAST RECOVERY RECTIFIER DIODES
logo
Sanken electric
RU2 SANKEN-RU2 Datasheet
78Kb / 2P
Fast-Recovery Rectifier Diodes
logo
Galaxy Semi-Conductor H...
RU2 BILIN-RU2 Datasheet
57Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
SUNMATE electronic Co.,...
RU2 SUNMATE-RU2 Datasheet
292Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
More results

Similar Description - RU2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPR520D STMICROELECTRONICS-STPR520D Datasheet
75Kb / 6P
ULTRA-FAST RECOVERY RECTIFIER DIODES
Oct-1999
logo
Sanken electric
AL01Z SANKEN-AL01Z Datasheet
23Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
FMG-22S SANKEN-FMG-22S Datasheet
21Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
RG2Z SANKEN-RG2Z Datasheet
18Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
RP1H SANKEN-RP1H Datasheet
16Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
FML22S SANKEN-FML22S Datasheet
21Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
logo
Yangzhou yangjie electr...
MUR810F YANGJIE-MUR810F Datasheet
167Kb / 2P
Ultra-Fast Recovery Rectifier Diodes
logo
Shenzhen Taychipst Elec...
RN3Z TAYCHIPST-RN3Z Datasheet
838Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
logo
Yangzhou yangjie electr...
MUR2010CT YANGJIE-MUR2010CT Datasheet
109Kb / 2P
Ultra-Fast Recovery Rectifier Diodes
MUR2060F YANGJIE-MUR2060F Datasheet
142Kb / 4P
Ultra-Fast Recovery Rectifier Diodes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com