Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S5277B Datasheet(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # S5277B
Description  SILICON RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

S5277B Datasheet(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

  S5277B Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd S5277B Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2 of 2
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
Instantaneous forward voltage VF (V)
iF – vF
Time t (s)
rth (j-a) – t
Average forward current IF (AV) (A)
Ta max – IF (AV)
Number of cycles at 50 Hz and 60 Hz
Surge forward current (non-repetitive)
0.1
0.8
0.3
0.5
1
1.2
1.6
2.0
2.4
0.4
3
5
10
20
Tj = 25°C
150°C
200
0
0
160
120
80
40
0.2
0.4
0.6
0.8
1.0
1.2
Resistive and inductive load
Capacitive load
Tj = 25°C
60
10
1
50
40
30
20
3
5
10
30
50
100
60 Hz
50 Hz
60 Hz
50 Hz
S5277B-G
S5277J-N
0.1
0.01
1
10
100
1000
10000
0.1
1
10
100
1000
0.001
100V-1000V
1.0A
S5277B THRU S5277N
SILICON RECTIFIER DIODES



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com