Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

420LB28 Datasheet(PDF) 2 Page - Protek Devices

Part # 420LB28
Description  TWO LINE PAIR 4-20mA CONTROL LOOP PROTECTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

420LB28 Datasheet(HTML) 2 Page - Protek Devices

  420LB28 Datasheet HTML 1Page - Protek Devices 420LB28 Datasheet HTML 2Page - Protek Devices 420LB28 Datasheet HTML 3Page - Protek Devices 420LB28 Datasheet HTML 4Page - Protek Devices 420LB28 Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05048.R5 9/12
Page 2
420LB28 - 420LE60
TyPICAL DEvICE ChARACTERIsTICs
MAXIMuM RATINGs @ 25°C unless Otherwise specified
PARAMETER
syMBOL
vALuE
uNITs
Operating Line Current
I
O
100
mA
Transient Source Voltage
-
6
kV
Transient Current - 8/20µs waveform
-
10
kA/Wire
Operating Temperature
T
A
-55 to 100
°C
Storage Temperature
T
STG
-55 to 100
°C
ELECTRICAL ChARACTERIsTICs PER LINE @ 25°C unless Otherwise specified
PART
NuMBER
MAXIMuM
OPERATING
LINE vOLTAGE
v
OP
±vOLTs
MAXIMuM
LEAKAGE
CuRRENT
@ v
OP
I
D
µA
MAXIMuM
CLAMPING
vOLTAGE
(8/20µs)
@ 2000A
v
C
vOLTs
MAXIMuM
CAPACITANCE
@ 0v, 1Mhz
C
pF
MAXIMuM
LINE
ThROuGhPuT
REsIsTANCE
R
OhMs
420LB28
28.0
5.0
40
2800
12
420LB35
35.0
5.0
60
1500
12
420LB60
60.0
5.0
85
1000
12
420LE28
28.0
5.0
40
2800
12
420LE35
35.0
5.0
60
1500
12
420LE60
60.0
5.0
85
1000
12
INsTALLATION INsTRuCTIONs
There are five (5) terminals on the LINE SIDE and five (5) terminals on the EQUIPMENT SIDE of the 420LE, 4 data lines and one ground. Both grounds are connected
together internally. A single low impedance is ground sufficient. Incoming data lines are cut or disconnected from the equipment to insert the 420LE/B products. The
incoming lines are to be connected to the line side terminals as the equipment side lines are connected to the equipment side terminals. The location of the product
should be as close to the equipment as possible. The 420LE/B series is designed with a short circuit failure mode to give maximum protection. A fuse, fusible link, or
circuit breaker is recommended for each data/signal line on the input side for those that require an open circuit failure mode.
Caution: A low DC resistance ground may not be indicative of a good lightning ground. Lightning contains a broad spectrum of frequencies up to 1 MHz. A low im-
pedance path to ground at the transient frequencies is necessary. A ground strap is recommended or a #6 AWG stranded wire. For wire lengths over 1.5 meters, there
may be some excessive line to earth potential under severe thunderstorm conditions.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com