Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRF947 Datasheet(PDF) 68 Page - NXP Semiconductors

Part # PRF947
Description  RF Manual 16th edition
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PRF947 Datasheet(HTML) 68 Page - NXP Semiconductors

Back Button PRF947 Datasheet HTML 64Page - NXP Semiconductors PRF947 Datasheet HTML 65Page - NXP Semiconductors PRF947 Datasheet HTML 66Page - NXP Semiconductors PRF947 Datasheet HTML 67Page - NXP Semiconductors PRF947 Datasheet HTML 68Page - NXP Semiconductors PRF947 Datasheet HTML 69Page - NXP Semiconductors PRF947 Datasheet HTML 70Page - NXP Semiconductors PRF947 Datasheet HTML 71Page - NXP Semiconductors PRF947 Datasheet HTML 72Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 130 page
background image
69
NXP Semiconductors RF Manual 16th edition
2.5.6 Settingthebenchmarkforultralow-powerandhigh-performancewirelessconnectivitysolutions
NXPs JN5148/2 wireless microcontroller platform with chipsets, modules, and supporting software
NXP provides a complete package for the development of IEEE802.15.4-based wireless network solutions,
incorporating all the necessary hardware and software components. NXP’s JN514x range of wireless
microcontroller chips provides the optimum hardware platform for designing wireless network nodes that
combine high-performance processing and radio communications. NXP also supplies JN514x wireless
microcontrollers mounted on modules, and evaluation kits that simplify the development of custom
applications.
Software
A selection of network protocol stacks, based on the industry-
standard IEEE802.15.4, is available to support the wireless
connectivity requirements of your application. These include
JenNet, JenNet-IP, and ZigBee PRO, which are provided as a
set of software libraries.
JenNet is suitable for all proprietary applications. ZigBee
PRO is used for smart energy and other applications where
ZigBee interoperability is required. JenNet-IP provides IPv6
connectivity to the end node and is rapidly emerging as a
standard for lighting and automation applications in buildings.
Evaluation kit
Products
` JN5142-J01 for JenNet-IP Smart Devices, JN5148-J01 for
JenNet-IP Gateways
` JN5148-001 for JenNet and IEEE802.15.4, JN5142-001 for
RF4CE and IEEE802.15.4
` JN5148-Z01 for ZigBee applications
` JN5148-001-M00, JN5148-001-M03, JN5148-001-M04:
modules for JenNet and IEEE802.15.4
Key features
` Ultra low-power MCU together with an IEEE802.15.4-
compliant radio transceiver
` Enhanced 32-bit RISC processor for high performance
and low power
` On-chip ROM and RAM for storage of application,
networking stack, and software libraries
` A rich mix of analog and digital peripherals
` Low-current solution for long battery-life
` Standard-power and high-power modules
` Software Developer’s Kit (SDK), including JenNet,
JenNet-IP and ZigBee networking stacks
Key applications
` Smart lighting / smart energy / smart grid
` Utilities metering
` Home and commercial building automation and control
` Remote control
` Security systems
` Location-aware services – eg asset management



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com