Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAC45 Datasheet(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # SAC45
Description  LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

SAC45 Datasheet(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

  SAC45 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd SAC45 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2 of 2
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified
Reverse
Maximum
Maximum
Maximum
Maximum
Working
Max. Inverse
Peak Inverse
Breakdown Voltage @ It
Stand-off
Reverse
Clamping
Reverse
Junction
Inverse
Blocking
Blocking
Voltage
Leakage
Voltage
Current
Capacitance
Blocking
Current
Voltage
@ VRWM
@ IRSM=5A
@ 0 Volt
Voltage
@ VWIB
VBR (V)
It
VRWM
IR
VRSM
IRSM
VWIB
IIB
VPIB
(mA)
(V)
(
µA)
(V)
(A)
pF
(V)
mA
(V)
SAC5.0
7.6
1.0
5.0
300
10.0
44
50
75
1.0
100
SAC6.0
7.9
1.0
6.0
300
11.2
41
50
75
1.0
100
SAC7.0
8.3
1.0
7.0
300
12.6
38
50
75
1.0
100
SAC8.0
8.9
1.0
8.0
100
13.4
36
50
75
1.0
100
SAC8.5
9.4
1.0
8.5
50
14.0
34
50
75
1.0
100
SAC10
11.1
1.0
10
5.0
16.3
29
50
75
1.0
100
SAC12
13.3
1.0
12
5.0
19.0
25
50
75
1.0
100
SAC15
16.7
1.0
15
5.0
23.6
20
50
75
1.0
100
SAC18
20.0
1.0
18
5.0
28.8
15
50
75
1.0
100
SAC22
24.4
1.0
22
5.0
35.4
14
50
75
1.0
100
SAC26
28.9
1.0
26
5.0
42.3
11.1
50
75
1.0
100
SAC30
33.3
1.0
30
5.0
48.6
10
50
75
1.0
100
SAC36
40.0
1.0
36
5.0
60.0
8.6
50
75
1.0
100
SAC45
50.0
1.0
45
5.0
77.0
6.8
50
150
1.0
200
SAC50
55.5
1.0
50
5.0
88.0
5.8
50
150
1.0
200
FIG.1 - PEAK PULSE POWER RATING CURVE
FIG.2 - PULSE DERATING CURVE
FIG.3 - PULSE WAVEFORM
TYPE
NUMBER
Min.
100
10
0.1
1.0
tp, PULSE WIDTH
0.1
µs
1.0
µs
10
µs
100
µs
10ms
1.0ms
80
60
40
20
120
0
100
0
25
75
50
10
125
150
175
Peak Power
(single Pulse)
Average Power
TL, LEAD TEMPERATURE (
°C)
50
100
0
Tf = 10
µs
Peak Value
IRMS
Half Value - IRMS
TJ=25
°C
Pulse Width (tp) is defined
as that point where the peak
current decays to 50%
of IRSM
10X1000 Waveform
as defined by R.E.A.
T, TIME(ms)
2
tp
1
0
2
3
4
SAC5.0 THRU SAC50
5.0V-50V
500W
LOW CAPACITANCE TRANSIENT VOLTAGESUPPRESSOR



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com