Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF20DG Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # SF20DG
Description  SUPER-FAST GLASS PASSIVATED RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

SF20DG Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  SF20DG Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd SF20DG Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SF20AG THRU SF20JG
50V-600V
2.0A
SUPER-FAST GLASS PASSIVATED RECTIFIER
1 of 2
Mechanical Data
Web Site: www.taychipst.com
FEATURES
E-mail: sales@taychipst.com
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
·
Glass Passivated Die Construction
·
Diffused Junction
·
Super-Fast Switching for High Efficiency
·
High Current Capability and Low Forward
Voltage Drop
·
Surge Overload Rating to 60A Peak
·
Low Reverse Leakage Current
·
Plastic Material: UL Flammability
Classification Rating 94V-0
·
Case: Molded Plastic
·
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
·
Polarity: Cathode Band
·
Marking: Type Number
·
Weight: 0.35 grams (approx.)
·
Mounting Position: Any
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
SF20
AG
SF20
BG
SF20
CG
SF20
DG
SF20
FG
SF20
GG
SF20
HG
SF20
JG
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
150
200
300
400
500
600
V
RMS Reverse Voltage
VR(RMS)
35
70
105
140
210
280
350
420
V
Average Rectified Output Current
@ TA = 75
°C
(Note 1)
IO
2.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave Superimposed on Rated Load
(JEDEC Method)
IFSM
60
A
Forward Voltage
@ IF = 2.0A
VFM
0.95
1.3
1.5
V
Peak Reverse Current
@ TA = 25
°C
at Rated DC Blocking Voltage
@ TA = 100
°C
IRM
10
100
mA
Reverse Recovery Time (Note 2)
trr
35
40
50
ns
Typical Junction Capacitance (Note 3)
Cj
75
50
pF
Typical Thermal Resistance Junction to Ambient
RqJA
40
K/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Notes:
1. Valid provided that leads are kept at ambient temperature at a distance of 9.5mm from the case.
2. Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A. See Figure 5.
3. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.


Similar Part No. - SF20DG

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SF20DG DIODES-SF20DG Datasheet
62Kb / 2P
2.0A SUPER-FAST GLASS PASSIVATED RECTIFIER
DS24013 Rev. A-2
logo
Zibo Seno Electronic En...
SF20DG ZSELEC-SF20DG Datasheet
145Kb / 2P
2.0A SUPERFAST GLASS PASSVITED RECTIFIER
logo
Diodes Incorporated
SF20DG-T DIODES-SF20DG-T Datasheet
404Kb / 3P
2.0A SUPER-FAST GLASS PASSIVATED RECTIFIER
DS24013 Rev. 3 - 2
More results

Similar Description - SF20DG

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SF51 GOOD-ARK-SF51 Datasheet
231Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Nanjing International G...
MUR1620CT.JF DGNJDZ-MUR1620CT.JF Datasheet
85Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Jinan Jing Heng Electro...
MUR520 JINGHENG-MUR520 Datasheet
60Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER
MUR520M2 JINGHENG-MUR520M2 Datasheet
51Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER
MUR1680CT JINGHENG-MUR1680CT Datasheet
57Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Nantong Hornby Electron...
SF16X HORNBY-SF16X Datasheet
298Kb / 3P
GLASS PASSIVATED SUPER FAST RECTIFIER
SF30XPT HORNBY-SF30XPT Datasheet
275Kb / 3P
GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Jinan Jingheng (Group) ...
MUR4060CT JINANJINGHENG-MUR4060CT Datasheet
164Kb / 3P
GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Microdiode Semiconducto...
SF51G CHENDA-SF51G_V01 Datasheet
571Kb / 2P
SUPER FAST GLASS PASSIVATED RECTIFIER
logo
Rectron Semiconductor
MUR2020R RECTRON-MUR2020R Datasheet
575Kb / 5P
SUPER FAST GLASS PASSIVATED RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com