Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM6N37FU Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # SSM6N37FU
Description  High Speed Switching Applications Analog Switch Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM6N37FU Datasheet(HTML) 1 Page - Toshiba Semiconductor

  SSM6N37FU Datasheet HTML 1Page - Toshiba Semiconductor SSM6N37FU Datasheet HTML 2Page - Toshiba Semiconductor SSM6N37FU Datasheet HTML 3Page - Toshiba Semiconductor SSM6N37FU Datasheet HTML 4Page - Toshiba Semiconductor SSM6N37FU Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SSM6N37FU
2010-08-31
1
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM6N37FU
○
High Speed Switching Applications
○
Analog Switch Applications
• 1.5Vdrive
• Low ON-resistance
RDS(ON) = 5.60 Ω (max) (@VGS = 1.5 V)
RDS(ON) = 4.05 Ω (max) (@VGS = 1.8 V)
RDS(ON) = 3.02 Ω (max) (@VGS = 2.5 V)
RDS(ON) = 2.20 Ω (max) (@VGS = 4.5 V)
Absolute Maximum Ratings (Ta = 25°C)
(Q1, Q2 Common)
Characteristics
Symbol
Rating
Unit
Drain-Source voltage
VDSS
20
V
Gate-Source voltage
VGSS
± 10
V
DC
ID
250
Drain current
Pulse
IDP
500
mA
Power dissipation
PD(Note1)
300
mW
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note:
Using continuously under heavy loads (e.g. the application of
high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are
within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: Total rating
Mounted on FR4 board
(25.4 mm
× 25.4 mm × 1.6 mm, Cu Pad: 0.32mm2 × 6)
Marking(top view)
Equivalent Circuit (top view)
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-2J1C
Weight: 6.8 mg(typ.)
0.4 mm
SU
6
5
4
1
2
3
Q1
Q2
6
5
4
1
2
3


Similar Part No. - SSM6N37FU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM6N37FE TOSHIBA-SSM6N37FE Datasheet
197Kb / 5P
High-Speed Switching Applications Analog Switching Applications
More results

Similar Description - SSM6N37FU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM3K16TE TOSHIBA-SSM3K16TE Datasheet
136Kb / 5P
High Speed Switching Applications Analog Switch Applications
SSM6N16FU TOSHIBA-SSM6N16FU Datasheet
143Kb / 5P
High Speed Switching Applications Analog Switch Applications
SSM6N17FU TOSHIBA-SSM6N17FU Datasheet
125Kb / 5P
High Speed Switching Applications Analog Switch Applications
SSM5N15FE TOSHIBA-SSM5N15FE Datasheet
150Kb / 5P
High Speed Switching Applications Analog Switch Applications
SSM6N7002FU TOSHIBA-SSM6N7002FU Datasheet
158Kb / 5P
High Speed Switching Applications Analog Switch Applications
SSM3K35MFV TOSHIBA-SSM3K35MFV Datasheet
205Kb / 5P
High-Speed Switching Applications Analog Switch Applications
SSM6L35FE TOSHIBA-SSM6L35FE Datasheet
225Kb / 8P
High-Speed Switching Applications Analog Switch Applications
SSM6N7002BFE TOSHIBA-SSM6N7002BFE Datasheet
185Kb / 5P
High-Speed Switching Applications Analog Switch Applications
SSM6N7002FUTE85LF TOSHIBA-SSM6N7002FUTE85LF Datasheet
178Kb / 5P
High Speed Switching Applications Analog Switch Applications
SSM3K16FVTL3T TOSHIBA-SSM3K16FVTL3T Datasheet
94Kb / 5P
High Speed Switching Applications Analog Switch Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com