Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S207MBT3TR Datasheet(PDF) 32 Page - STMicroelectronics

Part # STM8S207MBT3TR
Description  Performance line, 24 MHz STM8S 8-bit MCU, up to 128 KB Flash
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S207MBT3TR Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STM8S207MBT3TR Datasheet HTML 28Page - STMicroelectronics STM8S207MBT3TR Datasheet HTML 29Page - STMicroelectronics STM8S207MBT3TR Datasheet HTML 30Page - STMicroelectronics STM8S207MBT3TR Datasheet HTML 31Page - STMicroelectronics STM8S207MBT3TR Datasheet HTML 32Page - STMicroelectronics STM8S207MBT3TR Datasheet HTML 33Page - STMicroelectronics STM8S207MBT3TR Datasheet HTML 34Page - STMicroelectronics STM8S207MBT3TR Datasheet HTML 35Page - STMicroelectronics STM8S207MBT3TR Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 103 page
background image
Pinouts and pin description
STM8S207xx, STM8S208xx
32/103
Doc ID 14733 Rev 12
5.2
Alternate function remapping
As shown in the rightmost column of the pin description table, some alternate functions can
be remapped at different I/O ports by programming one of eight AFR (alternate function
remap) option bits. Refer to Section 8: Option bytes on page 46. When the remapping
option is active, the default alternate function is no longer available.
To use an alternate function, the corresponding peripheral must be enabled in the peripheral
registers.
Alternate function remapping does not effect GPIO capabilities of the I/O ports (see the
GPIO section of the family reference manual, RM0016).
79 63 47 43 31
PD6/
UART3_RX(1)
I/O X
XX
O1
X
X
Port D6
UART3 data
receive
80 64 48 44 32 PD7/TLI
I/O X
XX
O1
X
X
Port D7
Top level
interrupt
TIM1_CH4
[AFR4](5)
1.
The default state of UART1_RX and UART3_RX pins is controlled by the ROM bootloader. These pins are pulled up as
part of the bootloader activation process and returned to the floating state before a return from the bootloader.
2.
The beCAN interface is available on STM8S208xx devices only
3.
In the open-drain output column, ‘T’ defines a true open-drain I/O (P-buffer, weak pull-up, and protection diode to VDD are
not implemented).
4.
The PD1 pin is in input pull-up during the reset phase and after the internal reset release.
5.
Available in 44-pin package only. On other packages, the AFR4 bit is reserved and must be kept at 0.
Table 6.
Pin description (continued)
Pin number
Pin name
Input
Output
Default
alternate
function
Alternate
function
after remap
[option bit]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com