Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

39VF040 Datasheet(PDF) 12 Page - Silicon Storage Technology, Inc

Part # 39VF040
Description  512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

39VF040 Datasheet(HTML) 12 Page - Silicon Storage Technology, Inc

Back Button 39VF040 Datasheet HTML 8Page - Silicon Storage Technology, Inc 39VF040 Datasheet HTML 9Page - Silicon Storage Technology, Inc 39VF040 Datasheet HTML 10Page - Silicon Storage Technology, Inc 39VF040 Datasheet HTML 11Page - Silicon Storage Technology, Inc 39VF040 Datasheet HTML 12Page - Silicon Storage Technology, Inc 39VF040 Datasheet HTML 13Page - Silicon Storage Technology, Inc 39VF040 Datasheet HTML 14Page - Silicon Storage Technology, Inc 39VF040 Datasheet HTML 15Page - Silicon Storage Technology, Inc 39VF040 Datasheet HTML 16Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
12
Data Sheet
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit Multi-Purpose Flash
SST39LF512 / SST39LF010 / SST39LF020 / SST39LF040
SST39VF512 / SST39VF010 / SST39VF020 / SST39VF040
©2001 Silicon Storage Technology, Inc.
S71150-03-000
6/01
395
FIGURE 8: TOGGLE BIT TIMING DIAGRAM
FIGURE 9: WE# CONTROLLED SECTOR-ERASE TIMING DIAGRAM
395 ILL F07.0
ADDRESS AMS-0
DQ6
WE#
OE#
CE#
TOE
TOEH
TCE
TOES
TWO READ CYCLES
WITH SAME OUTPUTS
Note:
AMS = Most significant address
AMS =A15 for SST39LF/VF512, A16 for SST39LF/VF010,
A17 for SST39LF/VF020 and A18 for SST39LF/VF040
334 ILL F08.0
ADDRESS AMS-0
DQ7-0
WE#
SW0
SW1
SW2
SW3
SW4
SW5
5555
2AAA
2AAA
5555
5555
55
30
55
AA
80
AA
SAX
OE#
CE#
SIX-BYTE CODE FOR SECTOR-ERASE
TSE
TWP
Note: This device also supports CE# controlled Sector-Erase operation. The WE# and CE# signals are
interchageable as long as minmum timings are met. (See Table 10)
SAX = Sector Address
AMS = Most significant address
AMS =A15 for SST39LF/VF512, A16 for SST39LF/VF010, A17 for SST39LF/VF020 and A18 for SST39LF/VF040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com