Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RCMS02 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # RCMS02
Description  Molded Metal Film High Stability Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RCMS02 Datasheet(HTML) 2 Page - Vishay Siliconix

  RCMS02 Datasheet HTML 1Page - Vishay Siliconix RCMS02 Datasheet HTML 2Page - Vishay Siliconix RCMS02 Datasheet HTML 3Page - Vishay Siliconix RCMS02 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RCMS02, RCMS05, RCMS1
Vishay Sfernice
Molded Metal Film High Stability Resistors
www.vishay.com
For technical questions, contact: sfer@vishay.com
Document Number: 52007
166
Revision: 02-Oct-09
POWER RATING
TEMPERATURE RISE
PRACTICAL OPERATING TOLERANCES
Tables 2 and 3 show the basic characteristics and max.
values under different stresses. In fact, the values and drifts
are maintained to within narrower limits.
Thus, in operation under the specified conditions (
Pr at
70 °C) the total drift (load life + TCR) of a RCMS K3 does not
exceed ± 0.5 %.
NOISE LEVEL
In a frequency decade, the average noise level increases
with the ohmic value and can reach 0.3 µV/V for the highest
values. It is non measurable for
Rn < 2 k
Ω.
MARKING
Printed: Vishay Sfernice trademark, series, style NF style (if
applicable), ohmic value (in
Ω), tolerance (in %), temperature
coefficient, manufacturing data. Due to lack of space RCMS
02 is printed MS 02.
PERFORMANCE
CECC 40 100
EN 140-100
TYPICAL VALUES
AND DRIFTS
TESTS
CONDITIONS
REQUIREMENTS
Load Life at max. Category Temperature
1000 h at 125 °C 50 % of
Pn
≤ ± (1 % + 0.05 Ω)
Insulation resist. > 1 G
Ω
± 0.5 % or 0.05
Ω
Insulation resist. 106 M
Ω
Short Time Overload
2.5
Um/5 s
limited to 2
Un
≤ ± (0.25 % + 0.05 Ω)
± 0.1 % or 0.05
Ω
Damp Heat Humidity
(Steady State)
56 days
with low load
≤ ± (1 % + 0.05 Ω)
Insulation resist. > 1 G
Ω
± 0.5 % or 0.05
Ω
Insulation resist. 106 M
Ω
Rapid Temperature Change
- 55 °C + 125 °C
≤ ± (0.25 % + 0.05 Ω)
± 0.1 % or 0.05
Ω
Climatic Sequence
- 55 °C + 125 °C
severity 1
≤ ± (0.5 % + 0.05 Ω)
Insulation resist. > 1 G
Ω
± 0.1 % or 0.05
Ω
Insulation resist. 106 M
Ω
Terminal Strength
Pull - twist - 2 bends
≤ ± (1 % + 0.05 Ω)
± 0.05 % or 0.05
Ω
Vibration
10 - 500 Hz
≤ ± (0.25 % + 0.05 Ω)
± 0.05 % or 0.05
Ω
Soldering (Thermal Shock)
+ 260 °C 10 s
≤ ± (0.25 % + 0.05 Ω)
± 0.1 % or 0.05
Ω
Load Life
Cycle 90’/30’
1000 h at
Pn at 70 °C
≤ ± (1 % + 0.05 Ω)
Insulation resist. > 1 G
Ω
± 0.2 % or 0.05
Ω
Insulation resist. 106 M
Ω
Shelf Life
1 year
ambient temperature
-
± 0.1 % or 0.05
Ω
AMBIENT TEMPERATURE IN (°C)
100
50
0
0
30
50
70
100
125
150
RATED POWER IN (W)
60
40
20
0
5
0
S
M
C
R
1
S
M
C
R
0
0.25
0.5
0.75
1
Temperature coefficient
between - 10 °C and + 70 °C
K3
≤ 30 ppm/°C
LONG LIFE
90’/30’ cycles
ambient temperature 70 °C
1000 h at
Pr
± 0.25 %
10 000 h at
Pr
± 0.5 %



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com