Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPR2213 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SPR2213
Description  Wirewound Resistors, Special Purpose, Commercial, High Power
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SPR2213 Datasheet(HTML) 2 Page - Vishay Siliconix

  SPR2213 Datasheet HTML 1Page - Vishay Siliconix SPR2213 Datasheet HTML 2Page - Vishay Siliconix SPR2213 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.vishay.com
For technical questions, contact: ww2aresistors@vishay.com
Document Number: 30224
2
Revision: 04-Feb-11
SPR2213, SPR2214
Vishay Dale
Wirewound Resistors, Special Purpose,
Commercial, High Power
DIMENSIONS in inches [millimeters]
MATERIAL SPECIFICATIONS
Element: Copper-nickel alloy or nickel-chrome alloy,
depending on resistance value
Core: Steatite ceramic
Body:
Steatite ceramic case with
inorganic potting
compound
Terminals: Nickel plated steel
Bracket: Zinc plated steel
Part Marking: DALE, model, wattage, value, tolerance, date
code
DERATING
HEAT SINK DERATING
GLOBAL
MODEL
Dimensions in inches [millimeters]
A
TYPICAL
B
± 0.031 [0.794]
C
± 0.031 [0.794]
W
± 0.005 [0.127]
H
TYPICAL
SPR2213
3.375
[85.73]
3.00
[76.20]
2.50
[63.50]
0.250 x 0.031
[6.35 x 0.794]
0.810
[20.57]
SPR2214
4.563
[115.90]
4.125
[104.78]
3.625
[92.08]
0.250 x 0.031
[6.35 x 0.794]
0.810
[20.57]
SPR2214
H
W
SPR2213
1.25
[31.75] typical
W
0.827 [21.01]
± 0.020 [0.508]
C
A
B
H
0.195 [4.95]
± 0.005 [0.127]
0.195 [4.95]
± 0.005 [0.127]
Diameter
AMBIENT TEMPERATURE IN °C
0
20
40
60
80
100
120
25
- 65 - 25
75
125
175
225
275
% OF RECOMMENDED HEAT SINK AREA
0
0
20
40
60
80
100
20
40
60
80
100
SPR2213
SPR2214
PERFORMANCE
TEST
CONDITIONS OF TEST
TEST LIMITS
Thermal Shock
Rated power applied until thermally stable, then a minimum of 15 min at - 55 °C
± (2.0 % + 0.05
) R
Short Time Overload
10 x rated power for 5 s
± (2.0 % + 0.05
) R
Dielectric Withstanding Voltage
1000 VRMS, 1 min
± (0.1 % + 0.05
) R
Low Temperature Storage
- 65 °C for 24 h
± (2.0 % + 0.05
) R
High Temperature Exposure
250 h at + 275 °C
± (2.0 % + 0.05
) R
Moisture Resistance
MIL-STD-202 Method 106, 7b not applicable
± (2.0 % + 0.05
) R
Shock, Specified Pulse
MIL-STD-202 Method 213, 100 g’s for 6 ms, 10 shocks
± (0.2 % + 0.05
) R
Vibration, High Frequency
Frequency varied 10 Hz to 2000 Hz, 20 g peak, 2 directions 6 h each
± (0.2 % + 0.05
) R
Load Life
1000 h at rated power, + 25 °C, 1.5 h “ON”, 0.5 h “OFF”
± (3.0 % + 0.05
) R



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com