Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXD1171M Datasheet(PDF) 5 Page - Sony Corporation

Part # CXD1171M
Description  8-bit 40MSPS High Speed D/A Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD1171M Datasheet(HTML) 5 Page - Sony Corporation

  CXD1171M Datasheet HTML 1Page - Sony Corporation CXD1171M Datasheet HTML 2Page - Sony Corporation CXD1171M Datasheet HTML 3Page - Sony Corporation CXD1171M Datasheet HTML 4Page - Sony Corporation CXD1171M Datasheet HTML 5Page - Sony Corporation CXD1171M Datasheet HTML 6Page - Sony Corporation CXD1171M Datasheet HTML 7Page - Sony Corporation CXD1171M Datasheet HTML 8Page - Sony Corporation CXD1171M Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
—5—
CXD1171M
Electrical Characteristics Measurement Circuit
Analog Input Resistance
Measurement Circuit
Digital Input Current
CXD1171M
+5.25V
AVDD, DVDD
AVSS, DVSS
V
A
}
Electrical Characteristics
(FCLK=40 MHz, AVDD=DVDD=5 V, ROUT=200
Ω, VREF=2.0 V, Ta=25 °C)
Item
Resolution
Conversion speed
Integral non-linearity error
Differential non-linearity error
Output full-scale voltage
Output full-scale current
Output offset voltage
Glitch energy
Supply current
Analog input resistance
Input capacitance
Digital input voltage
Digital input current
Setup time
Hold time
Propagation delay time
Symbol
n
FCLK
EL
ED
VFS
IFS
VOS
GE
IDD
RIN
CI
VIH
VIL
IIH
IIL
tS
tH
tPD
Measurement conditions
AVDD=DVDD=4.75 to 5.25 V
Ta=–40 to 85 °C
Endpoint
When D0 to D7=00000000 input
ROUT=75
Ω
When 14.3 MHz color bar data input
VREF
AVDD=DVDD=4.75 to 5.25 V
Ta=–20 to +75 °C
AVDD=DVDD=4.75 to 5.25 V D0, D1
Ta=–20 to +75 °C
D2 to 7,
BLK,
CLK
ROUT=75
Ω
ROUT=75
Ω
Min.
0.5
–0.5
–0.25
1.9
13
1
2.4
–5
–5
5
10
Typ.
8
2.0
10
30
14.5
10
Max.
40
1.3
0.25
2.1
15
1
16
9
0.8
240
5
Unit
bit
MSPS
LSB
LSB
V
mA
mV
pV · s
mA
M
Ω
pF
V
µA
ns
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com