Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL8580/1 Datasheet(PDF) 3 Page - SHANGHAI BELLING CO., LTD.

Part # BL8580/1
Description  CMOS based White/Blue LED driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8580/1 Datasheet(HTML) 3 Page - SHANGHAI BELLING CO., LTD.

  BL8580/1 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8580/1 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8580/1 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8580/1 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8580/1 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8580/1 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8580/1 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
http://www.belling.com.cn
- 3 -
Total 7 Pages
BL8580/1
■ PIN DESCRIPTION
Pin Name
Function
LED1-LEDn
RGB or WLED cathode connection pin
EN
Chip enable pin. High level activates the chip. Connect the
pin to VCC if not used, do not leave this pin floating
VCC
Power Supply
GND
Analog ground. In BL8581, for good LED current match, it is
recommended that the two GND pins should be tied together by
external copper.
■ ABSOLUTE MAXIMUM RATING
Supply voltage range
-0.3V~7V
Voltage of LEDn, EN pin
-0.3V~7V
Maximum junction temperature
-150℃
Storage temperature range
-40~150℃
Lead temperature and time
-260℃, 10s
■ RECOMMENDED OPERATING CONDITION
PARAMETERS
MIN
NOM
MAX
UNIT
Supply voltage
2.7
6
V
Output sink current on each channel
25
mA
Operating free-air temperature range
-25
125
℃
■ ELECTRICAL CHARACTERISTICS
VDD=3.7V, Ta=25
°C, No Load, Input: VIH=3.7V, VIL=GND. (Unless otherwise noted)
Reference Data
Symbols
Parameters
Conditions
MIN
TYP MAX
Unit
VIL
EN Pin “Low” Logic
0.4
V
VIH
EN Pin “High” Logic
1.7
V
IIL
EN Pin “Low” Input Current
-1
µA
IIH
EN Pin “High” Input Current
1
µA
VLEDL
LEDn Dropout Voltage
100
mV
ILED
LEDn Sink Current
19
20
21
mA
∆ILEDn
LEDn Sink Current Deviation
+/-3 %
IQ
Quiescent Current
VEN=”1”
250
400
µA
ISTBY
Standby Supply Current
VEN=”0”
0.5
µA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com