Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO6LC Datasheet(PDF) 2 Page - Protek Devices

Part # IO6LC
Description  ULTRA LOW CAPACITANCE STEERING DIODE ARRAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

IO6LC Datasheet(HTML) 2 Page - Protek Devices

  IO6LC_12 Datasheet HTML 1Page - Protek Devices IO6LC_12 Datasheet HTML 2Page - Protek Devices IO6LC_12 Datasheet HTML 3Page - Protek Devices IO6LC_12 Datasheet HTML 4Page - Protek Devices IO6LC_12 Datasheet HTML 5Page - Protek Devices IO6LC_12 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05137.R9 9/12
Page 2
IO6LC
tyPICaL devICe ChaRaCteRIstICs
MaXIMuM RatIngs @ 25°C unless Otherwise specified
PaRaMeteR
syMBOL
vaLue
unIts
Operating Temperature
T
A
-55 to 150
°C
Storage Temperature
T
STG
-55 to 150
°C
Continuous Power Dissipation
P
PC
350
mW
eLeCtRICaL ChaRaCteRIstICs PeR LIne @ 25°C unless Otherwise specified
PaRt
nuMBeR
devICe
MaRkIng
RePetItIve
Peak
ReveRse
vOLtage
(note 1)
v
RRM
vOLts
MaXIMuM
FORwaRd
vOLtage
@ 20ma
v
F
vOLts
MaXIMuM
Peak PuLse
FORwaRd
CuRRent
(Fig. 1)
@ 8/20µs
I
FM
aMPs
MaXIMuM
ReveRse
Leakage
CuRRent
v
RRM @ 5.5v
I
R
µa
tyPICaL
CaPaCItanCe
0v, 1Mhz
C
j
pF
IO6LC
IO6LC
30
0.95
3.5
0.1
3
nOte
1. V
RRM is VP for pin 7, VN for pin 3.
TEST
WAVEFORM
PARAMETERS
t
f = 8µs
t
d = 20µs
t
f
e-t
Peak Value I
PP
t
d = t/(IPP/2)
FIguRe 1
PuLse wave FORM
t - time - µs
0
5
10
15
20
25
30
0
20
40
60
80
100
120



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com