Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMAD Datasheet(PDF) 3 Page - Protek Devices

Part # MMAD
Description  ULTRA LOW CAPACITANCE MULTI-LINE STEERING DIODE ARRAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

MMAD Datasheet(HTML) 3 Page - Protek Devices

  MMAD_12 Datasheet HTML 1Page - Protek Devices MMAD_12 Datasheet HTML 2Page - Protek Devices MMAD_12 Datasheet HTML 3Page - Protek Devices MMAD_12 Datasheet HTML 4Page - Protek Devices MMAD_12 Datasheet HTML 5Page - Protek Devices MMAD_12 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05136.R12 9/12
Page 3
MMAD Series
tyPicAl Device chARActeRiSticS
MAXiMuM RAtingS @ 25°c unless otherwise Specified
PARAMeteR
SyMBol
vAlue
unitS
Continuous Power Dissipation
P
PK
500
Milliwatts
Continuous Forward Current (Single Diode)
I
P
400
mA
Repetitive Peak Forward Current @ tp = 5µs, F = 50kHz
I
FRM
700
mA
Operating Temperature
T
A
-55 to 150
°C
Storage Temperature
T
STG
-55 to 150
°C
electRicAl chARActeRiSticS PeR line @ 25°c unless otherwise Specified
PARt
nuMBeR
RePetitive
PeAk
ReveRSe
voltAge
@ 10µA
v
RRM
voltS
MAXiMuM
FoRwARD
PeAk PulSe
cuRRent
@ 8/20µs
i
FM
AMPS
MAXiMuM
FoRwARD
voltAge
@ 100mA
v
F
voltS
MAXiMuM
ReveRSe
leAkAge
cuRRent
v
RRM @ 40v
i
R
µA
MAXiMuM
cAPAcitAnce
(Per Diode)
@4v, 1Mhz
c
j
pF
MMAD1103
50
12
1.2
0.1
5
MMAD1105
50
12
1.2
0.1
5
MMAD1106
50
12
1.2
0.1
5
MMAD1107
50
12
1.2
0.1
5
MMAD1109
50
12
1.2
0.1
5
MMAD130
50
12
1.2
0.1
5
TEST
WAVEFORM
PARAMETERS
t
f = 8µs
t
d = 20µs
t
f
e-t
Peak Value I
PP
t
d = t/(IPP/2)
FiguRe 1
PulSe wAve FoRM
t - time - µs
0
5
10
15
20
25
30
0
20
40
60
80
100
120



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com