Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSMF12C Datasheet(PDF) 1 Page - Protek Devices

Part # MSMF12C
Description  MULTI-LINE TVS ARRAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

MSMF12C Datasheet(HTML) 1 Page - Protek Devices

  MSMF12C Datasheet HTML 1Page - Protek Devices MSMF12C Datasheet HTML 2Page - Protek Devices MSMF12C Datasheet HTML 3Page - Protek Devices MSMF12C Datasheet HTML 4Page - Protek Devices MSMF12C Datasheet HTML 5Page - Protek Devices MSMF12C Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05195.R6 9/12
Page 1
MSMF05C- MSMF24C
Multi-line tvS aRRay
DeSCRiPtion
The MSMFxxC series are multi-line TVS arrays designed to protect wireless telecommunications and portable electron-
ic applications from the damaging effects of ESD and EFT. The MSMFxxC is available in a 5 line unidirectional or 4 line
bidirectional configuration and is rated at 100 Watts peak pulse power, which is sufficient protection for tertiary type
lightning threats at key interface locations.
Packaged in a miniature SOT-563, the MSMFxxC series meets IEC 61000-4-2 (ESD) and 61000-4-4 (EFT) immunity
requirements. Each device should be placed near a connector to provide the best protection against transients.
FeatuReS
• Compatible with IEC 61000-4-2 (ESD): Air 15kV, Contact 8kV
• Compatible with IEC 61000-4-4 (EFT): 40A, 5/50ns
• 100 Watts Peak Pulse Power per Line(tp = 8/20µs)
• Monolithic Design
• Available in Multiple Voltages
• Low Clamping Voltage
• ESD Protection > 25 kilovolts
• Low Leakage Current
• Protects 4 Bidirectional Lines & 5 Unidirectional Lines
• RoHS Compliant
• REACH Compliant
MeChaniCal ChaRaCteRiStiCS
• Molded JEDEC SOT-563 Package
• Approximate Weight: 3 milligrams
• Lead-Free Nickel Paladium Gold Plating
• Solder Reflow Temperature - 260-270°C
• Flammability Rating UL 94V-0
• 8mm Tape and Reel per EIA Standard 481
aPPliCationS
• Communication Systems
• SMART Phones
• Portable Electronics
• Video Interfaces
Pin ConFiGuRation
Sot-563 PaCkaGe
1
6
5
2
3
4


Similar Part No. - MSMF12C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
MSMF12C PROTEC-MSMF12C Datasheet
101Kb / 4P
STANDARD TVS ARRAY
MSMF12C PROTEC-MSMF12C Datasheet
74Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
MSMF12C PROTEC-MSMF12C Datasheet
540Kb / 6P
MULTI-LINE TVS ARRAY
More results

Similar Description - MSMF12C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
CP05 PROTEC-CP05_11 Datasheet
705Kb / 8P
MULTI-LINE TVS ARRAY
MSMF05 PROTEC-MSMF05_11 Datasheet
518Kb / 6P
MULTI-LINE TVS ARRAY
MSMF05C PROTEC-MSMF05C_11 Datasheet
540Kb / 6P
MULTI-LINE TVS ARRAY
PAM20ST6305 PROTEC-PAM20ST6305 Datasheet
565Kb / 6P
MULTI-LINE TVS ARRAY
PSMS05 PROTEC-PSMS05_11 Datasheet
710Kb / 8P
MULTI-LINE TVS ARRAY
SMF05C PROTEC-SMF05C_11 Datasheet
672Kb / 7P
MULTI-LINE TVS ARRAY
SMS05 PROTEC-SMS05_11 Datasheet
707Kb / 8P
MULTI-LINE TVS ARRAY
CP05 PROTEC-CP05_12 Datasheet
710Kb / 8P
MULTI-LINE TVS ARRAY
PSMS05 PROTEC-PSMS05_12 Datasheet
711Kb / 8P
MULTI-LINE TVS ARRAY
SMS05 PROTEC-SMS05_12 Datasheet
710Kb / 8P
MULTI-LINE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com