Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSMF15C Datasheet(PDF) 2 Page - Protek Devices

Part # MSMF15C
Description  MULTI-LINE TVS ARRAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

MSMF15C Datasheet(HTML) 2 Page - Protek Devices

  MSMF15C Datasheet HTML 1Page - Protek Devices MSMF15C Datasheet HTML 2Page - Protek Devices MSMF15C Datasheet HTML 3Page - Protek Devices MSMF15C Datasheet HTML 4Page - Protek Devices MSMF15C Datasheet HTML 5Page - Protek Devices MSMF15C Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05195.R6 9/12
Page 2
MSMF05C- MSMF24C
tyPiCal DeviCe ChaRaCteRiStiCS
MaXiMuM RatinGS @ 25°C unless otherwise Specified
PaRaMeteR
SyMBol
value
unitS
Peak Pulse Power (tp = 8/20µs) - See Figure 1
P
PP
100
Watts
Operating Temperature
T
L
-55 to 150
°C
Storage Temperature
T
STG
-55 to 150
°C
Maximum Forward Voltage @ 10mA
V
F
1.0
V
FiGuRe 1
Peak PulSe PoweR vS PulSe tiMe
t
d - Pulse Duration - µs
100W, 8/20µs Waveform
0.1
1
10
100
1,000
10,000
10
100
1,000
10,000
eleCtRiCal ChaRaCteRiStiCS PeR line @ 25°C unless otherwise Specified
PaRt
nuMBeR
DeviCe
MaRkinG
RateD
StanD-oFF
voltaGe
v
wM
voltS
MiniMuM
BReakDown
voltaGe
@ 1ma
v
(BR)
voltS
MaXiMuM
ClaMPinG
voltaGe
(Fig. 2)
@ 8/20µs
v
C @ iPP
MaXiMuM
leakaGe
CuRRent
@v
wM
i
D
µa
tyPiCal
CaPaCitanCe
(note 1)
@0v, 1Mhz
C
pF
MSMF05C
B
5.0
6.0
12.0V @ 9.0A
1
40
MSMF12C
D
12.0
13.3
23.8V @ 4.2A
1
20
MSMF15C
F
15.0
16.7
33.3V @ 3.0A
1
15
MSMF24C
H
24.0
26.7
55.5V @ 1.8A
1
10
noteS
1. Pins 1, 3, 4, 5 or 6 to pin 2.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com