Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDLC05 Datasheet(PDF) 2 Page - Protek Devices

Part # PDLC05
Description  ULTRA LOW CAPACITANCE TVS ARRAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PDLC05 Datasheet(HTML) 2 Page - Protek Devices

  PDLC05_12 Datasheet HTML 1Page - Protek Devices PDLC05_12 Datasheet HTML 2Page - Protek Devices PDLC05_12 Datasheet HTML 3Page - Protek Devices PDLC05_12 Datasheet HTML 4Page - Protek Devices PDLC05_12 Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05327.R1 9/12
Page 2
PDLC05
tyPiCaL DeviCe ChaRaCteRistiCs
maXimum RatinGs @ 25°C unless otherwise specified
PaRameteR
symBoL
vaLue
units
Operating Temperature
T
L
-55 to 150
°C
Storage Temperature
T
STG
-55 to 150
°C
Peak Pulse Current - 8/20µs (See Note 1)
I
PP(Max)
15
Amps
note
1. Applies to unidirectional pins only.
eLeCtRiCaL ChaRaCteRistiCs PeR Line @ 25°C unless otherwise specified
PaRt
numBeR
DeviCe
maRkinG
RateD
stanD-oFF
voLtaGe
v
wm
voLts
minimum
BReakDown
voLtaGe
@ 1ma
v
(BR)
voLts
maXimum
CLamPinG
voLtaGe
(Fig. 1)
@ i
P = 1a
v
C
voLts
maXimum
LeakaGe
CuRRent
@v
wm
i
D
µa
tyPiCaL
junCtion
CaPaCitanCe
PeR Line
@0v, 1mhz
C
pF
PDLC05
L05
5.0
6.0
9.8
5
0.8
Peak Pulse Power
8/20µs
Average Power
FiGuRe 2
PoweR DeRatinG CuRve
t
a - ambient temperature - °C
0
25
50
75
100
125
150
0
20
30
40
50
60
TEST
WAVEFORM
PARAMETERS
t
f = 8µs
t
d = 20µs
t
f
e-t
Peak Value I
PP
t
d = t/(IPP/2)
FiGuRe 1
PuLse wave FoRm
t - time - µs
0
5
10
15
20
25
30
0
20
40
60
80
100
120



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com