Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIP24 Datasheet(PDF) 2 Page - Protek Devices

Part # PIP24
Description  AC POWER BUS VOLTAGE SUPPRESSOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PIP24 Datasheet(HTML) 2 Page - Protek Devices

  PIP24 Datasheet HTML 1Page - Protek Devices PIP24 Datasheet HTML 2Page - Protek Devices PIP24 Datasheet HTML 3Page - Protek Devices PIP24 Datasheet HTML 4Page - Protek Devices PIP24 Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05027.R9 9/12
Page 2
PHP8.4 - PIP500
tyPIcal DevIce cHaRacteRIstIcs
MaXIMuM RatIngs @ 25°c unless otherwise specified
PaRaMeteR
syMbol
value
unIts
Peak Pulse Power (tp = 10/1000µs) - See Figure 1
P
PP
7.5 & 15
kilowatts
Operating Temperature
T
L
-55 to 150
°C
Storage Temperature
T
STG
-55 to 150
°C
Steady State Power Dissipation @ 50°C
T
A
7.5
Watts
electRIcal cHaRacteRIstIcs PeR lIne @ 25°c unless otherwise specified
PaRt
nuMbeR
aveRage
RMs
voltage
v
RMs
volts
RateD
stanD-oFF
voltage
v
wM
volts
MInIMuM
bReakDown
voltage
(note 1)
@1ma
v
(bR)
volts
MaXIMuM
claMPIng
voltage
(Fig. 2)
@ I
PPM
v
c
volts
MaXIMuM
leakage
cuRRent
@v
wM
I
D
µa
MaXIMuM
Peak Pulse
cuRRent
I
PPM
aMPs
MaXIMuM
Peak Pulse
PoweR
@ 1ms
P
PP
kIlowatts
PHP8.4
8.4
12.0
14
22
250
341
7.5
PIP8.4
8.4
12.0
14
22
250
341
7.5
PHP24
24.0
34.0
40
67
250
112
7.5
PIP24
24.0
34.0
40
67
250
112
7.5
PHP30
30.0
42.5
50
84
250
90
7.5
PIP30
30.0
42.5
50
84
250
90
7.5
PHP60
60.0
85.0
100
167
250
90
15
PIP60
60.0
85.0
100
167
250
90
15
PHP120*
120.0
170.0
200
319
250
47
15
PIP120*
120.0
170.0
200
319
250
47
15
PHP208
208.0
295.0
347
536
250
28
15
PIP208
208.0
295.0
347
536
250
28
15
PHP250*
250.0
354.0
418
652
250
23
15
PIP250*
250.0
354.0
418
652
250
23
15
PHP275
275.0
390.0
460
710
250
21
15
PHP440
440.0
623.0
735
1138
250
13.2
15
PIP440
440.0
623.0
735
1138
250
13.2
15
PHP500*
500.0
708.0
835
1292
250
11.6
15
PIP500*
500.0
708.0
835
1292
250
11.6
15
note
1. A * indicates that this series is recommended for marine applications. For military and aerospace applications, use the PHP Series, for industrial applications, use the PIP Series.
2. The following voltages have a peak pulse power rating of 7,500 Watts for an 10/1000µs waveshape (see Figure 1): 8.4V, 24V and 30V.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com