Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5621 Datasheet(PDF) 15 Page - Analog Devices

Part # AD5621
Description  2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5621 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD5621 Datasheet HTML 11Page - Analog Devices AD5621 Datasheet HTML 12Page - Analog Devices AD5621 Datasheet HTML 13Page - Analog Devices AD5621 Datasheet HTML 14Page - Analog Devices AD5621 Datasheet HTML 15Page - Analog Devices AD5621 Datasheet HTML 16Page - Analog Devices AD5621 Datasheet HTML 17Page - Analog Devices AD5621 Datasheet HTML 18Page - Analog Devices AD5621 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Data Sheet
AD5601/AD5611/AD5621
Rev. F | Page 15 of 24
Figure 41. AD5621 Input Register Contents
Figure 42. AD5611 Input Register Contents
Figure 43. AD5601 Input Register Contents
Figure 44. SYNC Interrupt Facility
DB15 (MSB)
PD1
PD0
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
X
X
DB0 (LSB)
DATA BITS
POWER-DOWN MODES
0
1
0
1
0
0
1
1
NORMAL OPERATION
1kΩ TO GND
100kΩ TO GND
THREE-STATE
DB15 (MSB)
PD1
PD0
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
X
X
X
X
DB0 (LSB)
DATA BITS
POWER-DOWN MODES
0
1
0
1
0
0
1
1
NORMAL OPERATION
1kΩ TO GND
100kΩ TO GND
THREE-STATE
DB15 (MSB)
PD1
PD0
D8
D7
D6
D5
D4
D3
D2
D1
X
X
X
X
X
X
DB0 (LSB)
DATA BITS
POWER-DOWN MODES
0
1
0
1
0
0
1
1
NORMAL OPERATION
1kΩ TO GND
100kΩ TO GND
THREE-STATE
DB15
DB15
DB0
DB0
INVALID WRITE SEQUENCE:
SYNC HIGH BEFORE 16TH FALLING EDGE
VALID WRITE SEQUENCE, OUTPUT UPDATES
ON THE 16TH FALLING EDGE
SYNC
SCLK
SDIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com