Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR02 Datasheet(PDF) 7 Page - Analog Devices

Part # ADR02
Description  2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR02 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADR02 Datasheet HTML 3Page - Analog Devices ADR02 Datasheet HTML 4Page - Analog Devices ADR02 Datasheet HTML 5Page - Analog Devices ADR02 Datasheet HTML 6Page - Analog Devices ADR02 Datasheet HTML 7Page - Analog Devices ADR02 Datasheet HTML 8Page - Analog Devices ADR02 Datasheet HTML 9Page - Analog Devices ADR02 Datasheet HTML 10Page - Analog Devices ADR02 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Data Sheet
AD5601/AD5611/AD5621
Rev. F | Page 7 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 5. Typical AD5621 INL
Figure 6. Typical AD5611 INL
Figure 7. Typical AD5601 INL
Figure 8. AD5621 Total Unadjusted Error (TUE)
Figure 9. AD5611 Total Unadjusted Error (TUE)
Figure 10. AD5601 Total Unadjusted Error (TUE)
–1.0
–0.5
0
0.5
1.0
DAC CODE
64
564
1064
1564
2064
2564
3064
3564
4064
VDD = VREF = 5V
TA = 25°C
0
16
116
216
316
416
516
616
716
816
916
DAC CODE
VDD = VREF = 5V
TA = 25°C
–0.5
–0.4
–0.3
–0.2
–0.1
0.1
0.2
0.3
0.4
0.5
0
4
54
104
154
204
DAC CODE
VDD = VREF = 5V
TA = 25°C
–0.100
–0.075
–0.050
–0.025
0.025
0.050
0.075
0.100
–2.5
–1.5
–0.5
0.5
1.5
2.5
64
564
1064
1564
2064
2564
3064
3564
DAC CODE
0
1.0
2.0
–2.0
–1.0
VDD = VREF = 5V
TA = 25°C
4064
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
16
116
216
316
416
516
616
716
816
916
DAC CODE
VDD = VREF = 5V
TA = 25°C
–0.20
–0.15
–0.10
–0.05
0.05
0.10
0.15
0.20
4
54
104
154
204
DAC CODE
0
VDD = VREF = 5V
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com