Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSR320 Datasheet(PDF) 2 Page - Hi-Sincerity Mocroelectronics

Part # HSR320
Description  Schottky Barrier Rectifiers (Reverse Voltage 20 to 100V, Forward Current 3A)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HSR320 Datasheet(HTML) 2 Page - Hi-Sincerity Mocroelectronics

  HSR320 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HSR320 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HSR320 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HL200709
Issued Date : 2007.04.01
Revised Date : 2009.03.24
Page No. : 2/3
HSR320 thru HSR3100
HSMC Product Specification
Characteristics Curve
0
20
40
60
80
Maximum Non-repetitive Peak
Forward Surge Current
100
1
10
100
Number of Cycles at 60Hz
TJ=TJ max.
8.3ms single half sine-wave
(JEDEC Method)
0
25
50
75
100
125
150
175
0
1
2
3
4
Forward Current Derating Curve
Lead Temperature (
oC)
Resistive or Inductive Load
0.375” (9.5mm) lead length
0
20
40
60
80
100
Percent of Rated Peak Reverse Voltage (%)
0.001
0.01
0.1
1
10
Typical Reverse Characteristics
TJ=125
oC
TJ=75
oC
TJ=25
oC
Typical Instantaneous
Forward Characteristics Per Leg
0.01
0.1
1
10
0.0
0.2
0.4
0.6
0.8
1.0
VF,Forward Voltage(V)
50-60V
80-100V
20-40V
0
0.1
1
10
100
t, Pulse Duration (sec.)
0.1
1
10
100
Typical Transient
Thermal Impedance
0
1
10
100
Reverse Voltage (V)
10
100
1000
Typical Junction Capacitance
TJ=25
oC, f=1MHz
Vsig=50mVp-p



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com