Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLED511 Datasheet(PDF) 1 Page - Protek Devices

Part # PLED511
Description  BIDIRECTIONAL TVS DIE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PLED511 Datasheet(HTML) 1 Page - Protek Devices

  PLED511 Datasheet HTML 1Page - Protek Devices PLED511 Datasheet HTML 2Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05379.R3 9/12
Page 1
PLED511
biDiREctionaL tvs DiE
ELEctRicaL chaRactERistics @ 25°c
PaRt
nUMbER
MiniMUM
bREaKDoWn
voLtaGE
@ 1ma
v
(bR)
voLts
stanD-off
voLtaGE
v
WM
voLts
MaxiMUM
LEaKaGE
cURREnt
@3.5v
i
D
µa
tYPicaL
caPacitancE
@0v, 1Mhz
c
pf
thicKnEss
mils
bacKMEtaL toPMEtaL
PLED511
5.70
4.7
1.00
15
6
Ti/Ni/Ag
Al/Cu
PIN CONFIGURATION
MASK OUTLINE
0.0095” TYP
0.0022”
0.0048”
0.0008”
Bonding
Pad
Controlling Dimension: Inches


Similar Part No. - PLED511

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PLED511U PROTEC-PLED511U Datasheet
399Kb / 2P
UNIDIRECTIONAL TVS DIE FOR ESD PROTECTION
More results

Similar Description - PLED511

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PLED508 PROTEC-PLED508 Datasheet
299Kb / 2P
BIDIRECTIONAL TVS DIE
logo
Yea Shin Technology Co....
YSDAXX11CDN YEASHIN-YSDAXX11CDN Datasheet
795Kb / 3P
BIDIRECTIONAL TVS DIODE
YSMDAXXC-7 YEASHIN-YSMDAXXC-7 Datasheet
810Kb / 3P
BIDIRECTIONAL TVS ARRAY
logo
Protek Devices
PLED05F189 PROTEC-PLED05F189 Datasheet
350Kb / 4P
BIDIRECTIONAL TVS DIE
PLED3631X23NB PROTEC-PLED3631X23NB Datasheet
293Kb / 3P
BIDIRECTIONAL TVS DIE
logo
Yea Shin Technology Co....
YSESD3Z15BT1G YEASHIN-YSESD3Z15BT1G Datasheet
723Kb / 3P
BIDIRECTIONAL TVS DIODES
logo
Shanghai Leiditech Elec...
MY05ESD1 LEIDITECH-MY05ESD1 Datasheet
510Kb / 3P
BIDIRECTIONAL TVS DIODE
SD03C03B LEIDITECH-SD03C03B Datasheet
194Kb / 3P
BIDIRECTIONAL TVS DIODE
SD05CL LEIDITECH-SD05CL Datasheet
313Kb / 3P
BIDIRECTIONAL TVS DIODE
SD05L LEIDITECH-SD05L Datasheet
312Kb / 3P
BIDIRECTIONAL TVS DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com