Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5674F Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MPC5674F
Description  MPC5674F Microcontroller Data Sheet
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5674F Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MPC5674F_12 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC5674F_12 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC5674F_12 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC5674F_12 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC5674F_12 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC5674F_12 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC5674F_12 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC5674F_12 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC5674F_12 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 133 page
background image
Electrical Characteristics
MPC5674F Microcontroller Data Sheet, Rev. 9
Freescale Semiconductor
21
4.2
Thermal Characteristics
1 Functional operating conditions are given in the DC electrical specifications. Absolute maximum ratings are stress ratings only,
and functional operation at the maxima is not guaranteed. Stress beyond the listed maxima may affect device reliability or
cause permanent damage to the device.
2 2.0 V for 10 hours cumulative time, 1.2V +10% for time remaining.
3 6.4 V for 10 hours cumulative time, 5.0V +10% for time remaining.
4 Voltage overshoots during a high-to-low or low-to-high transition must not exceed 10 seconds per instance.
5 5.3 V for 10 hours cumulative time, 3.3V +10% for time remaining.
6 MPC5674F has two analog power supply pins on the pinout: VDDA_A and VDDA_B.
7 MPC5674F has two analog ground supply pins on the pinout: VSSA_A and VSSA_B.
8 MPC5674F has two analog low reference voltage pins on the pinout: VRL_A and VRL_B.
9 MPC5674F has two analog high reference voltage pins on the pinout: VRH_A and VRH_B.
10 Total injection current for all pins must not exceed 25 mA at maximum operating voltage.
11 Injection current of ±5 mA allowed for limited duration for analog (ADC) pads and digital 5 V pads. The maximum accumulated
time at this current shall be 60 hours. This includes an assumption of a 5.25 V maximum analog or VDDEH supply when under
this stress condition.
12 Total injection current for all analog input pins must not exceed 15 mA.
13 Lifetime operation at these specification limits is not guaranteed.
14 Solder profile per CDF-AEC-Q100.
15 Moisture sensitivity per JEDEC test method A112.
Table 4. Thermal Characteristics, 416-pin TEPBGA Package1
1 Thermal characteristics are targets based on simulation that are subject to change per device
characterization. This data is PRELIMINARY based on similar package used on other devices.
Characteristic
Symbol
Value
Unit
Junction to Ambient 2,3 Natural Convection (Single layer board)
2 Junction temperature is a function of on-chip power dissipation, package thermal resistance, mounting
site (board) temperature, ambient temperature, air flow, power dissipation of other components on the
board, and board thermal resistance.
3 Per JEDEC JESD51-2 with the single layer board horizontal. Board meets JESD51-9 specification.
RJA
24
°C/W
Junction to Ambient 2,4 Natural Convection (Four layer board 2s2p)
4 Per JEDEC JESD51-6 with the board horizontal.
RJA
18
°C/W
Junction to Ambient (@200 ft./min., Single layer board)
RJMA
19
°C/W
Junction to Ambient (@200 ft./min., Four layer board 2s2p)
RJMA
14
°C/W
Junction to Board 5
5 Thermal resistance between the die and the printed circuit board per JEDEC JESD51-8. Board
temperature is measured on the top surface of the board near the package.
RJB
9°C/W
Junction to Case 6
6 Indicates the average thermal resistance between the die and the case top surface as measured by the
cold plate method (MIL SPEC-883 Method 1012.1) with the cold plate temperature used for the case
temperature.
RJC
6°C/W
Junction to Package Top 7 Natural Convection
7 Thermal characterization parameter indicating the temperature difference between package top and the
junction temperature per JEDEC JESD51-2.
JT
2°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com