Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCNL4010 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # VCNL4010
Description  Fully Integrated Proximity and Ambient Light Sensor with Infrared Emitter, I2C Interface, and Interrupt Function
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VCNL4010 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button VCNL4010 Datasheet HTML 5Page - Vishay Siliconix VCNL4010 Datasheet HTML 6Page - Vishay Siliconix VCNL4010 Datasheet HTML 7Page - Vishay Siliconix VCNL4010 Datasheet HTML 8Page - Vishay Siliconix VCNL4010 Datasheet HTML 9Page - Vishay Siliconix VCNL4010 Datasheet HTML 10Page - Vishay Siliconix VCNL4010 Datasheet HTML 11Page - Vishay Siliconix VCNL4010 Datasheet HTML 12Page - Vishay Siliconix VCNL4010 Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
VCNL4010
www.vishay.com
Vishay Semiconductors
Rev. 1.3, 23-Feb-12
9
Document Number: 83462
For technical questions, contact: sensorstechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Register #7 and #8 Proximity Measurement Result Register
Register address = 87h and 88h. These registers are the result registers for proximity measurement readings.
The result is a 16 bit value. The high byte is stored in register #7 and the low byte in register #8.
Register #9 Interrupt Control Register
Register address = 89h.
TABLE 8 - PROXIMITY RESULT REGISTER #7
Bit 7Bit 6
Bit 5Bit 4
Bit 3Bit 2Bit 1Bit 0
Description
Read only bits. High byte (15:8) of proximity measurement result
TABLE 9 - PROXIMITY RESULT REGISTER #8
Bit 7Bit 6
Bit 5Bit 4
Bit 3Bit 2Bit 1Bit 0
Description
Read only bits. Low byte (7:0) of proximity measurement result
TABLE 10 - INTERRUPT CONTROL REGISTER #9
Bit 7Bit 6
Bit 5Bit 4
Bit 3Bit 2Bit 1Bit 0
Int count exceed
n/a
INT_PROX_
ready_EN
INT_ALS_
ready_EN
INT_THRES_EN
INT_THRES_
SEL
Description
Int count exceed
R/W bits. These bits contain the number of consecutive measurements needed above/below the
threshold
000 - 1 count = DEFAULT
001 - 2 count
010 - 4 count
011 - 8 count
100 -16 count
101 - 32 count
110 - 64 count
111 - 128 count
INT_PROX_ready_EN
R/W bit. Enables interrupt generation at proximity data ready
INT_ALS_ ready_EN
R/W bit. Enables interrupt generation at ambient data ready
INT_THRES_EN
R/W bit. Enables interrupt generation when high or low threshold is exceeded
INT_THRES_SEL
R/W bit. If 0: thresholds are applied to proximity measurements
If 1: thresholds are applied to als measurements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com