Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC6126 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SC6126
Description  High-Speed Switching Applications DC-DC Converter Applications LCD Backlighting Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC6126 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SC6126 Datasheet HTML 1Page - Toshiba Semiconductor 2SC6126 Datasheet HTML 2Page - Toshiba Semiconductor 2SC6126 Datasheet HTML 3Page - Toshiba Semiconductor 2SC6126 Datasheet HTML 4Page - Toshiba Semiconductor 2SC6126 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SC6126
2009-07-07
3
10
0.01
0.1
1.0
Collector current IC (A)
VCE (sat) – IC
0.001
0.01
0.1
1
10
IC – VBE
Base-emitter voltage VBE (V)
0
0.4
0.8
1.6
1.2
3
0
1
2
Common emitter
IC/IB = 30
Single nonrepetitive pulse
−55℃
25℃
Ta=100℃
Common emitter
VCE = 2 V
Single nonrepetitive pulse
Ta=100℃
−55℃
25℃
Collector-emitter voltage VCE (V)
IC – VCE
1
0
0
3
0.2
0.4
0.6
0.8
1
2
Common emitter
Ta=25℃
Single nonrepetitive pulse
hFE-Ic
1
100
1000
0.001
0.01
0.1
1
10
Collector current IC (A)
0.1
1
10
Collector current IC (A)
VBE (sat) – IC
0.001
0.01
0.1
1
10
Common emitter
VCE = 2 V
Single nonrepetitive pulse
−55℃
25℃
Ta=100℃
−55℃
Ta=100℃
25℃
10
0.3
3
100
70
50
30
10
20
IB=2mA
5
10
0.01
1
0.1
Collector
−emitter voltage VCE
(V)
0.1
1
10
100
Safe operating area
*: Single nonrepetitive pulse Ta
= 25°C
Note that the curves for 100 ms, 10 s and DC
operation will be different when the devices
aren’t mounted on an FR4 board (glass-epoxy,
1.6 mm thick, Cu area: 645 mm
2).
These characteristic curves must be derated
linearly with increase in temperature.
IC max (pulse) *
DC operation
Ta = 25°C
10 s*
IC max (continuous)*
100 ms*
1 ms*
10 ms*
100μs*
Common emitter
IC/IB = 30
Single nonrepetitive pulse



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com