Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC6134 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SC6134
Description  High-Speed Switching Applications DC-DC Converter Applications Strobe Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC6134 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SC6134 Datasheet HTML 1Page - Toshiba Semiconductor 2SC6134 Datasheet HTML 2Page - Toshiba Semiconductor 2SC6134 Datasheet HTML 3Page - Toshiba Semiconductor 2SC6134 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2CS6134
2010-03-07
3
Base-emitter voltage VBE (V)
Collector-emitter voltage VCE (V)
IC – VCE
Collector current IC (A)
hFE – IC
Collector current IC (A)
VCE (sat) – IC
Collector current IC (A)
VBE (sat) – IC
IC – VBE
IC – VCE
0
0
0.8
2.0
2.4
1.0
2.5
3.0
4
IB = 2 mA
20
10
6
2.0
1.6
0.4
15
8
1.5
0.5
1.2
Common emitter
Ta = 25°C
Single nonrepetitive pulse
0.001
10
10
100
1000
0.01
0.1
Ta
= 100°C
−55°C
25°C
1
Common emitter
VCE = 2 V
Single nonrepetitive pulse
0.001
0.01
10
1
0.1
0.01
0.1
Ta
= 100°C
−55°C
25°C
1
Common emitter
IC/IB = 30
Single nonrepetitive pulse
0.1
10
1
0.001
10
0.01
0.1
Ta
= −55°C
100°C
25°C
1
Common emitter
IC/IB = 30
Single nonrepetitive pulse
0
0
1.2
3.0
−55°C
Ta
= 100°C
25°C
2.5
1.5
0.8
0.2
0.4
2.0
0.5
1.0
0.6
1.0
Common emitter
VCE = 2 V
Single nonrepetitive pulse



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com