Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HN2C26FS Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # HN2C26FS
Description  Frequency General-Purpose Amplifier Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

HN2C26FS Datasheet(HTML) 2 Page - Toshiba Semiconductor

  HN2C26FS Datasheet HTML 1Page - Toshiba Semiconductor HN2C26FS Datasheet HTML 2Page - Toshiba Semiconductor HN2C26FS Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
HN2C26FS
2008-12-01
2
Q1, Q2 Common
*:Total rating
IC - VCE
0
20
40
60
80
100
120
01
2
3
45
67
COMMON EMITTER Ta = 25°C
IB = 0.1 mA
0.2
0.3
0.5
2.0
1.5
1.0
0.7
IB - VBE
0.1
1
10
100
1000
0
0.2
0.4
0.6
0.8
1
1.2
1.4
COMMON EMITTER
VCE = 6V
25
-25
VCE(sat) - IC
0.01
0.1
1
0.1
1
10
100
COMMON EMITTER
IC/IB = 10
25
-25
VBE(sat) - IC
0.1
1
10
0.1
1
10
100
COMMON EMITTER
IC/ IB = 10
25
-25
hFE - IC
10
100
1000
0.1
1
10
100
COMMON EMITTER
   
VCE = 6 V
   
VCE = 1 V
25
-25
COLLECTOR CURRENT IC (mA)
COLLECTOR CURRENT IC (mA)
COLLECTOR CURRENT IC (mA)
BASE-EMITTER VOLTAGE VBE (V)
COLLECTOR-EMITTER VOLTAGE VCE (V)
PC - Ta
0
10
20
30
40
50
60
70
80
90
100
0
20
40
60
80
100 120 140 160
AMBIENT TEMPERATURE Ta (°C)
Mounted on FR4 board
     
(10 mm × 10 mm × 1 mmt)
Ta = 100°C
Ta = 100°C
Ta = 100°C
Ta = 100°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com