Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSC31014 Datasheet(PDF) 2 Page - Zentrum Mikroelektronik Dresden AG

Part # ZSC31014
Description  Digital Output Sensor Signal Conditioner
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

ZSC31014 Datasheet(HTML) 2 Page - Zentrum Mikroelektronik Dresden AG

  ZSC31014 Datasheet HTML 1Page - Zentrum Mikroelektronik Dresden AG ZSC31014 Datasheet HTML 2Page - Zentrum Mikroelektronik Dresden AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ZSC31014
RBiciLite
TM Digital Output Sensor Signal Conditioner
© 2012 Zentrum Mikroelektronik Dresden AG
— Rev. 1.53
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner.
INMUX
PreAmp
Optional
RTD
VDD
(2.7V - 5.5V)
VSS
EEPROM w/
Charge Pump
& Checksum
DSP
Core
POR/Oscillator
A
D
14-Bit ADC
I
2C or SPI
Interface
Temperature
Reference
VBP
RBiciLite™
ZSC31014
Bsupply
Optional
Bsink
0.1µF
INT/SS
SDA/MISO
SCL/SCLK
Sensor
Diagnostics
VBN
ZSC31014 Block Diagram
Application: Bridge TC Used for External Temperature
Application: Generic Differential A2D Converter
Ordering Examples (Please refer to section 10 in the data sheet for additional options.)
Sales Code
Description
Package
ZSC31014DAB
ZSC31014 RBiciLite™ Die — Temperature range: -40°C to +125°C
Unsawn on Wafer
ZSC31014DAC
ZSC31014 RBiciLite™ Die — Temperature range: -40°C to +125°C
Sawn on Wafer Frame
ZSC31014DAD
ZSC31014 RBiciLite™ Die — Temperature range: -40°C to +125°C
Waffle Pack
ZSC31014DAG1
ZSC31014 RBiciLite™ SOP8 (150 mil) — Temperature range: -40° to +125°C
Tube: add “-T” to sales code
Reel: add “-R”
ZSC31014KIT
ZSC31014 SSC Evaluation Kit: Communication Board, SSC Board, Sensor Replacement Board,
Software, USB Cable, 5 IC Samples
Kit
Sales and Further Information
www.zmdi.com
SSC@zmdi.com
Zentrum Mikroelektronik
Dresden AG
Grenzstrasse 28
01109 Dresden
Germany
ZMD America, Inc.
1525 McCarthy Blvd., #212
Milpitas, CA 95035-7453
USA
Zentrum Mikroelektronik
Dresden AG, Japan Office
2nd Floor, Shinbashi Tokyu Bldg.
4-21-3, Shinbashi, Minato-ku
Tokyo, 105-0004
Japan
ZMD FAR EAST, Ltd.
3F, No. 51, Sec. 2,
Keelung Road
11052 Taipei
Taiwan
Zentrum Mikroelektronik
Dresden AG, Korean Office
POSCO Centre Building
West Tower, 11th Floor
892 Daechi, 4-Dong,
Kangnam-Gu
Seoul, 135-777
Korea
Phone +49.351.8822.7.772
Fax
+49.351.8822.8.7772
Phone +855-ASK-ZMDI
(+855.275.9634)
Phone +81.3.6895.7410
Fax
+81.3.6895.7301
Phone +886.2.2377.8189
Fax
+886.2.2377.8199
Phone +82.2.559.0660
Fax
+82.2.559.0700
DISCLAIMER: This information applies to a product under development. Its characteristics and specifications are subject to change without notice. Zentrum Mikroelektronik Dresden AG
(ZMD AG) assumes no obligation regarding future manufacture unless otherwise agreed to in writing. The information furnished hereby is believed to be true and accurate. However, under
no circumstances shall ZMD AG be liable to any customer, licensee, or any other third party for any special, indirect, incidental, or consequential damages of any kind or nature whatsoever
arising out of or in any way related to the furnishing, performance, or use of this technical data. ZMD AG hereby expressly disclaims any liability of ZMD AG to any customer, licensee or any
other third party, and any such customer, licensee and any other third party hereby waives any liability of ZMD AG for any damages in connection with or arising out of the furnishing,
performance or use of this technical data, whether based on contract, warranty, tort (including negligence), strict liability, or otherwise.
Applications:
Industrial: building automation,
dataloggers, pressure meters, leak
detection monitoring
Medical: infusion pumps, blood
pressure meters, air mattresses,
apnea monitors
White Goods / Appliances: fluid
level, refrigerant
Consumer: body monitors, portable
monitors, desktop weather stations,
bathroom scales, toys/games
VSupply
GND
0.1µF
VSS
BSINK
VBP
VBN
VDD
INT/SS
SDA/MISO
SCL/SCLK
ZSC31014
Differential
Signal from
Any Source
V Supply
GND
0 .1 µF
VSS
BSINK
VBP
VBN
VDD
INT/SS
SDA/MISO
SCL/SCLK
ZSC31014



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com