Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PP0640SC Datasheet(PDF) 5 Page - Protek Devices

Part # PP0640SC
Description  THYRISTOR SURGE SUPPRESSOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PP0640SC Datasheet(HTML) 5 Page - Protek Devices

  PP0640SC Datasheet HTML 1Page - Protek Devices PP0640SC Datasheet HTML 2Page - Protek Devices PP0640SC Datasheet HTML 3Page - Protek Devices PP0640SC Datasheet HTML 4Page - Protek Devices PP0640SC Datasheet HTML 5Page - Protek Devices PP0640SC Datasheet HTML 6Page - Protek Devices PP0640SC Datasheet HTML 7Page - Protek Devices PP0640SC Datasheet HTML 8Page - Protek Devices PP0640SC Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05081.R12 10/12
Page 5
PP0640SA - PP3500SC
APPliCATion inFoRmATion
FiguRe 1 - ul 1459 & FCC PART 68 meTAlliC PRoTeCTion
The TSS (Thyristor Surge Suppressor) device is located across the tip-to-ring after a limiting resistor and fuse combination. RTIP and RRING resistors are optional de-
pending upon the TSS device selection. Without the resistors, the PP3100SB/SC is recommended. However, with a resistance value of 7.5 Ohms for tip and ring, the
PP3100SA is recommended. Digital signals may use a lower TSS device depending upon the total tip to ring voltage range. Selection of the TSS device, either PPxxxx-
SA or SB/SC is based upon the value of the tip and ring resistors. For the National Electric Code (NEC) article 800, it is recommended that at least one fuse be used in
the tip or ring line for metallic surges. Fuses may be replaced with a suitable Positive Temperature Coefficient (PTC) automatic resettable current limiting device.
To Protected
Equipment
TIP
RING
R
Tip
R
Ring
Fuse
FiguRe 2 - ul 1459 & FCC PART 68 longiTuDinAl PRoTeCTion
There are two TSS devices, one located from tip-to-ground and one ring-to-ground. For standard analog signals, the PP3100SA is recommended with a typical resistor
value for tip and ring of 15 Ohms. The PP3100SB/SC is recommended for resistor values of 7.5 Ohms each. The National Electric Code (NEC) article 800 requires two
fuse elements when connecting to ground. Fuses or a suitable Positive Temperature Coefficient (PTC) automatic resettable current limiting device may be used. The
purpose of this circuit is to limit AC power current from getting on the ground line causing any safety hazard.
To Protected
Equipment
TIP
RING
R
Tip
R
Ring



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com