Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN1107ACT Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # RN1107ACT
Description  Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN1107ACT Datasheet(HTML) 1 Page - Toshiba Semiconductor

  RN1107ACT Datasheet HTML 1Page - Toshiba Semiconductor RN1107ACT Datasheet HTML 2Page - Toshiba Semiconductor RN1107ACT Datasheet HTML 3Page - Toshiba Semiconductor RN1107ACT Datasheet HTML 4Page - Toshiba Semiconductor RN1107ACT Datasheet HTML 5Page - Toshiba Semiconductor RN1107ACT Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
RN1107ACT ~ RN1109ACT
2009-04-13
1
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT process) (Bias Resistor built-in Transistor)
RN1107ACT, RN1108ACT, RN1109ACT
Switching, Inverter Circuit, Interface Circuit and
Driver Circuit Applications
• Extra small package(CST3) is applicable for extra high density
fabrication.
• Incorporating a bias resistor into a transistor reduces the number of parts,
which enables the manufacture of ever more compact equipment and
saves assembly cost.
• Complementary to RN2107ACT to RN2109ACT
Equivalent Circuit and Bias Resistor Values
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
50
V
Collector-emitter voltage
RN1107ACT to RN1109ACT
VCEO
50
V
RN1107ACT
6
RN1108ACT
7
Emitter-base voltage
RN1109ACT
VEBO
15
V
Collector current
IC
80
mA
Collector power dissipation
PC (Note1)
100
mW
Junction temperature
Tj
150
°C
Storage temperature range
RN1107ACT to RN1109ACT
Tstg
−55 to 150
°C
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note1 : Mounted on FR4 board (10 mm
× 10 mm × 1 mmt)
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-1J1A
Weight: 0.75 mg (typ.)
R1
B
C
E
Type No.
R1 (k
Ω)
R2 (k
Ω)
RN1107ACT
10
47
RN1108ACT
22
47
RN1109ACT
47
22
3
12
0.35±0.02
0.15±0.03
0.5±0.03
0.6±0.05
0.05±0.03
1.BASE
2.EMITTER
3.COLLECTOR
CST3
TOP View


Similar Part No. - RN1107ACT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN1107 TOSHIBA-RN1107 Datasheet
175Kb / 6P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1107 TOSHIBA-RN1107 Datasheet
335Kb / 6P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
RN1107 TOSHIBA-RN1107 Datasheet
346Kb / 6P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
RN1107CT TOSHIBA-RN1107CT Datasheet
157Kb / 6P
Switching Applications Inverter Circuit Applications Interface Circuit Applications Driver Circuit Applications
RN1107F TOSHIBA-RN1107F Datasheet
346Kb / 6P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
More results

Similar Description - RN1107ACT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN2201 TOSHIBA-RN2201 Datasheet
260Kb / 6P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1401 TOSHIBA-RN1401 Datasheet
253Kb / 7P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1410 TOSHIBA-RN1410_07 Datasheet
260Kb / 5P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1210 TOSHIBA-RN1210_07 Datasheet
252Kb / 4P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1112 TOSHIBA-RN1112_07 Datasheet
267Kb / 5P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
RN47A5 TOSHIBA-RN47A5_07 Datasheet
283Kb / 7P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications.
RN47A4 TOSHIBA-RN47A4_07 Datasheet
301Kb / 7P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications.
RN47A3 TOSHIBA-RN47A3_07 Datasheet
284Kb / 7P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
RN1970HFE TOSHIBA-RN1970HFE Datasheet
260Kb / 6P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN4985FE TOSHIBA-RN4985FE Datasheet
260Kb / 6P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com