Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD36 Datasheet(PDF) 1 Page - Protek Devices

Part # PSD36
Description  HIGH POWERED TVS ARRAY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PSD36 Datasheet(HTML) 1 Page - Protek Devices

  PSD36 Datasheet HTML 1Page - Protek Devices PSD36 Datasheet HTML 2Page - Protek Devices PSD36 Datasheet HTML 3Page - Protek Devices PSD36 Datasheet HTML 4Page - Protek Devices PSD36 Datasheet HTML 5Page - Protek Devices PSD36 Datasheet HTML 6Page - Protek Devices PSD36 Datasheet HTML 7Page - Protek Devices PSD36 Datasheet HTML 8Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05118.R14 10/12
Page 1
PSD03 - PSD36C
high PoweReD TVS ARRAY
DeSCRiPTion
The PSDxx and PSDxxC Series are transient voltage suppressor arrays designed for ESD protection of SMART phones,
laptop computers and other portable electronics. These silicon based diodes offer superior clamping voltage and
performance compared to other technologies such as MLVs.
The PSDxx and PSDxxC Series can be utilized as a single line protector in either a unidirectional or bidirectional con-
figuration. The SOD-323 small package configuration offers designers the flexibility of placement on the printed circuit
board for each I/O port or voltage bus. The PSDxx and PSDxxC Series meets the IEC 61000-4-2 (ESD), 61000-4-4 (EFT)
and 61000-4-5 requirements.
FeATuReS
• Compatible with IEC 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
• Compatible with IEC 61000-4-4 (EFT): 40A - 5/50ns
• Compatible with IEC 61000-4-5 (Surge): 24A, 8/20µs Level 2(Line-
Gnd) & Level 3 (Line-Line)
• Unidirectional: 500 Watts Peak Pulse Power per Line (tp = 8/20µs)
• Bidirectional: 400 Watts Peak Pulse Power per Line (tp = 8/20µs)
• Replacement for MLV (0805)
• Unidirectional & Bidirectional Configurations
• Protects One Power or I/O Port
• ESD Protection > 25kV
• Low Clamping Voltage
• Available in Multiple Voltages Ranging From 3V to 36V
• RoHS Compliant
• REACH Compliant
MeChAniCAl ChARACTeRiSTiCS
• Molded JEDEC SOD-323 Package
• Approximate Weight: 5 milligrams
• Lead-Free Pure-Tin Plating (Annealed)
• Solder Reflow Temperature:
Pure-Tin - Sn, 100: 260-270°C
• 8mm Tape and Reel Per EIA Standard 481
• Flammability Rating UL 94V-0
APPliCATionS
• Laptop Computers
• SMART Phones
• Portable Electronics
SoD-323 PACkAge
Pin ConFiguRATionS
1
2
1
2
UNIDIRECTIONAL
BIDIRECTIONAL


Similar Part No. - PSD36

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PSD36 PROTEC-PSD36 Datasheet
85Kb / 4P
DEVICE CHARACTERISTICS
PSD36 PROTEC-PSD36 Datasheet
75Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
PSD36 PROTEC-PSD36 Datasheet
172Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
logo
Powersem GmbH
PSD36 POWERSEM-PSD36 Datasheet
109Kb / 2P
Three Phase Rectifier Bridges
logo
Protek Devices
PSD36 PROTEC-PSD36 Datasheet
662Kb / 8P
HIGH POWERED TVS ARRAY
More results

Similar Description - PSD36

ManufacturerPart #DatasheetDescription
logo
Protek Devices
VSB06P05LCI PROTEC-VSB06P05LCI_11 Datasheet
654Kb / 6P
high powered VSIP짰 tvs array
LCD05C PROTEC-LCD05C_11 Datasheet
770Kb / 8P
HIGH POWERED MULTI-LINE TVS ARRAY
PAM08SD2305C PROTEC-PAM08SD2305C Datasheet
611Kb / 7P
HIGH POWERED TVS ARRAY
PAM09SD2305HP PROTEC-PAM09SD2305HP Datasheet
604Kb / 7P
HIGH POWERED TVS ARRAY
PSD03 PROTEC-PSD03_11 Datasheet
662Kb / 8P
HIGH POWERED TVS ARRAY
PSD05HP PROTEC-PSD05HP Datasheet
626Kb / 8P
HIGH POWERED TVS ARRAY
PAM26SD2305 PROTEC-PAM26SD2305 Datasheet
633Kb / 7P
HIGH POWERED TVS ARRAY
PSD05HP PROTEC-PSD05HP_12 Datasheet
738Kb / 8P
HIGH POWERED TVS ARRAY
VSB06P05LCI PROTEC-VSB06P05LCI_12 Datasheet
655Kb / 6P
HIGH POWERED VSIP짰 TVS ARRAY
DA8 PROTEC-DA8 Datasheet
471Kb / 5P
High powered multi-line tvs array
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com