Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN1963FS Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # RN1963FS
Description  Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN1963FS Datasheet(HTML) 2 Page - Toshiba Semiconductor

  RN1963FS Datasheet HTML 1Page - Toshiba Semiconductor RN1963FS Datasheet HTML 2Page - Toshiba Semiconductor RN1963FS Datasheet HTML 3Page - Toshiba Semiconductor RN1963FS Datasheet HTML 4Page - Toshiba Semiconductor RN1963FS Datasheet HTML 5Page - Toshiba Semiconductor RN1963FS Datasheet HTML 6Page - Toshiba Semiconductor RN1963FS Datasheet HTML 7Page - Toshiba Semiconductor RN1963FS Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
RN1961FS~RN1966FS
2007-11-01
2
Electrical Characteristics (Ta = 25°C) (Q1, Q2 common)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
ICBO
VCB = 20 V, IE = 0
⎯
⎯
100
Collector cut-off current
RN1961FS~1966FS
ICEO
VCE = 20 V, IB = 0
⎯
⎯
500
nA
RN1961FS
0.89
⎯
1.33
RN1962FS
0.41
⎯
0.63
RN1963FS
0.18
⎯
0.29
RN1964FS
VEB = 10 V, IC = 0
0.088
⎯
0.133
RN1965FS
0.085
⎯
0.127
Emitter cut-off current
RN1966FS
IEBO
VEB = 5 V, IC = 0
0.08
⎯
0.121
mA
RN1961FS
30
⎯
⎯
RN1962FS
60
⎯
⎯
RN1963FS
100
⎯
⎯
RN1964FS
120
⎯
⎯
RN1965FS
120
⎯
⎯
DC current gain
RN1966FS
hFE
VCE = 5 V, IC = 10 mA
120
⎯
⎯
Collector-emitter
saturation voltage
RN1961FS~1966FS
VCE (sat)
IC = 5 mA,
IB = 0.25 mA
⎯
⎯
0.15
V
RN1961FS
1.0
⎯
2.0
RN1962FS
1.0
⎯
2.2
RN1963FS
1.1
⎯
2.7
RN1964FS
1.2
⎯
3.6
RN1965FS
0.6
⎯
1.1
Input voltage (ON)
RN1966FS
VI (ON)
VCE = 0.2 V, IC = 5 mA
0.6
⎯
1.2
V
RN1961FS~1964FS
0.8
⎯
1.5
Input voltage (OFF)
RN1965FS, 1966FS
VI (OFF)
VCE = 5 V, IC = 0.1 mA
0.4
⎯
0.8
V
Collector output
capacitance
RN1961FS~1966FS
Cob
VCB = 10 V, IE = 0,
f
= 1 MHz
⎯
1.2
⎯
pF
RN1961FS
3.76
4.7
5.64
RN1962FS
8
10
12
RN1963FS
17.6
22
26.4
RN1964FS
37.6
47
56.4
RN1965FS
1.76
2.2
2.64
Input resistor
RN1966FS
R1
⎯
3.76
4.7
5.64
k
Ω
RN1961FS~1964FS
0.8
1.0
1.2
RN1965FS
0.0376 0.0468 0.0562
Resistor ratio
RN1966FS
R1/R2
⎯
0.08
0.1
0.12



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com