Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN1971FS Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # RN1971FS
Description  Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN1971FS Datasheet(HTML) 4 Page - Toshiba Semiconductor

  RN1971FS Datasheet HTML 1Page - Toshiba Semiconductor RN1971FS Datasheet HTML 2Page - Toshiba Semiconductor RN1971FS Datasheet HTML 3Page - Toshiba Semiconductor RN1971FS Datasheet HTML 4Page - Toshiba Semiconductor RN1971FS Datasheet HTML 5Page - Toshiba Semiconductor RN1971FS Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
RN1970FS,RN1971FS
2007-11-01
4
(Q1,Q2 common)
10
100
1000
0.1
1
10
100
1
10
100
1000
0.1
1
10
100
RN1970FS
RN1970FS
COLLECTOR CURRENT IC (mA)
COLLECTOR CURRENT IC (mA)
EMITTER COMMON
IC / IB=20
EMITTER COMMON
VCE=5V
Ta=100°C
25
-25
Ta=100°C
25
-25
hFE - IC
VCE(sat) - IC
10
100
1000
0.1
1
10
100
1
10
100
1000
0.1
1
10
100
COLLECTOR CURRENT IC (mA)
COLLECTOR CURRENT IC (mA)
EMITTER COMMON
IC / IB=20
EMITTER COMMON
VCE=5V
Ta=100°C
25
-25
Ta=100°C
25
-25
hFE - IC
VCE(sat) - IC
RN1971FS
RN1971FS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com