Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN2102ACT Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # RN2102ACT
Description  Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN2102ACT Datasheet(HTML) 1 Page - Toshiba Semiconductor

  RN2102ACT Datasheet HTML 1Page - Toshiba Semiconductor RN2102ACT Datasheet HTML 2Page - Toshiba Semiconductor RN2102ACT Datasheet HTML 3Page - Toshiba Semiconductor RN2102ACT Datasheet HTML 4Page - Toshiba Semiconductor RN2102ACT Datasheet HTML 5Page - Toshiba Semiconductor RN2102ACT Datasheet HTML 6Page - Toshiba Semiconductor RN2102ACT Datasheet HTML 7Page - Toshiba Semiconductor RN2102ACT Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
RN2101ACT ~ RN2106ACT
2009-04-17
1
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT process) (Bias Resistor built-in Transistor)
RN2101ACT,RN2102ACT,RN2103ACT
RN2104ACT,RN2105ACT,RN2106ACT
Switching, Inverter Circuit, Interface Circuit and
Driver Circuit Applications
• Extra small package (CST3) is applicable for extra high density
fabrication.
• Incorporating a bias resistor into a transistor reduces parts count.
Reducing the parts count enable the manufacture of ever more
compact equipment and save assembly cost.
• Complementary to RN1101ACT to RN1106ACT
Equivalent Circuit and Bias Resistor Values
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
−50
V
Collector-emitter voltage
RN2101ACT to 2106ACT
VCEO
−50
V
RN2101ACT to 2104ACT
−10
Emitter-base voltage
RN2105ACT, 2106ACT
VEBO
−5
V
Collector current
IC
−80
mA
Collector power dissipation
PC
100*
mW
Junction temperature
Tj
150
°C
Storage temperature range
RN2101ACT to 2106ACT
Tstg
−55 to 150
°C
* : Mounted on FR4 board (10 mm
× 10 mm × 1 mmt)
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e.operatingtemperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-1J1A
Weight: 0.75 mg (typ.)
Type No.
R1 (k
Ω)
R2 (k
Ω)
RN2101ACT
4.7
4.7
RN2102ACT
10
10
RN2103ACT
22
22
RN2104ACT
47
47
RN2105ACT
2.2
47
RN2106ACT
4.7
47
R1
B
C
E
CST3
1.BASE
2.EMITTER
3.COLLECOTR
3
12
0.35±0.02
0.15±0.03
0.5±0.03
0.6±0.05
0.05±0.03


Similar Part No. - RN2102ACT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN2102 TOSHIBA-RN2102 Datasheet
256Kb / 7P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process)
RN2102 TOSHIBA-RN2102 Datasheet
572Kb / 8P
Silicon PNP Epitaxial Type (PCT Process) Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN2102 TOSHIBA-RN2102 Datasheet
559Kb / 8P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
RN2102CT TOSHIBA-RN2102CT Datasheet
195Kb / 8P
Switching Applications Inverter Circuit Applications Interface Circuit Applications Driver Circuit Applications
RN2102MFV TOSHIBA-RN2102MFV Datasheet
206Kb / 8P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
More results

Similar Description - RN2102ACT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN2201 TOSHIBA-RN2201 Datasheet
260Kb / 6P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1401 TOSHIBA-RN1401 Datasheet
253Kb / 7P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1410 TOSHIBA-RN1410_07 Datasheet
260Kb / 5P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1210 TOSHIBA-RN1210_07 Datasheet
252Kb / 4P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1112 TOSHIBA-RN1112_07 Datasheet
267Kb / 5P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
RN47A5 TOSHIBA-RN47A5_07 Datasheet
283Kb / 7P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications.
RN47A4 TOSHIBA-RN47A4_07 Datasheet
301Kb / 7P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications.
RN47A3 TOSHIBA-RN47A3_07 Datasheet
284Kb / 7P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
RN1970HFE TOSHIBA-RN1970HFE Datasheet
260Kb / 6P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN4985FE TOSHIBA-RN4985FE Datasheet
260Kb / 6P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com